| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FFCR8CL2 bảng dữ liệu(PDF) 1 Page - JDS Uniphase Corporation |
|
|
|||||||||||||||||||||||||||||
FFCR8CL2 bảng dữ liệu(HTML) 1 Page - JDS Uniphase Corporation |
|
1 / 3 page ![]() COMMUNICATIONS COMPONENTS Key Features • Ultra low-pump loss • Minimum wastage of pump power • High EDFA output power • Wide range of regular parts readily available • Proven reliability The 980 nm fused coupler enables the accurate splitting and monitoring of pump power in erbium-doped fiber amplifiers. In addition, JDSU manufacturing technology provides uniquely low excess loss, along with low polarization and temperature dependence for all ports. These high-performance standard parts are available with a variety of tap ratios and housing and connector options, and can therefore be specified for a wide range of applications, enabling rapid design cycles and new project builds. Standard variants for 960 nm and 1060 nm may also be selected. Applications • EDFA pump redundancy and sharing • EDFA pump monitoring • Fiber lasers Compliance • Telcordia GR-1221 Fused Coupler, Single Window, 980 nm FFCR Series NORTH AMERICA : 800 498-JDSU (5378) WEBSITE : www.jdsu.com WORLDWIDE : +800 5378-JDSU |
Số phần tương tự - FFCR8CL2 |
|
Mô tả tương tự - FFCR8CL2 |