| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P7609-052-331M bảng dữ liệu(PDF) 6 Page - ETAL Group |
|
|
|||||||||||||||||||||||||||||
P7609-052-331M bảng dữ liệu(HTML) 6 Page - ETAL Group |
|
6 / 11 page ![]() P7609 ETALDOC 841/4 Page 6 of 11 December 2006 073 size Part Number Inductance (µH) (1) DCR (Ω) Max Rated Current (2) IDC (A) P7609-073-100M 10±20% 0.080 1.44 P7609-073-120M 12±20% 0.090 1.39 P7609-073-150M 15±20% 0.104 1.24 P7609-073-180M 18±20% 0.11 1.12 P7609-073-220M 22±20% 0.13 1.07 P7609-073-270M 27±20% 0.15 0.97 P7609-073-330M 33±20% 0.17 0.85 P7609-073-390M 39±20% 0.22 0.74 P7609-073-470M 47±20% 0.25 0.68 P7609-073-560K 56±10% 0.28 0.64 P7609-073-680K 68±10% 0.33 0.59 P7609-073-820K 82±10% 0.41 0.54 P7609-073-101K 100±10% 0.48 0.51 P7609-073-121K 120±10% 0.54 0.49 P7609-073-151K 150±10% 0.76 0.40 P7609-073-181K 180±10% 1.02 0.36 P7609-073-221K 220±10% 1.20 0.31 P7609-073-271K 270±10% 1.31 0.29 P7609-073-331K 330±10% 1.50 0.28 Notes 1. Inductance measured at 1V, 2.5MHz (10-82µH), 1kHz (100µH-1mH). 2. Rated Current, IDC, is the current at which the temperature rise is 40ºC (max) or the DC current at which the zero-current inductance drops by 10% max, whichever is lower. 3. Operating temperature -25ºC to +85ºC. 4. For non-standard inductance values, please contact Profec. |