| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACT86 bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ACT86 bảng dữ liệu(HTML) 5 Page - Texas Instruments |
|
5 / 15 page ![]() PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 5962-9068701Q2A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type 5962-9068701QCA ACTIVE CDIP J 14 1 TBD A42 SNPB N / A for Pkg Type 5962-9068701QDA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type SN74ACT86D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ACT86DBLE OBSOLETE SSOP DB 14 TBD Call TI Call TI SN74ACT86DBR ACTIVE SSOP DB 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ACT86DBRE4 ACTIVE SSOP DB 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ACT86DE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ACT86DR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ACT86DRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ACT86N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74ACT86NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74ACT86NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ACT86NSRE4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ACT86PW ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ACT86PWE4 ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ACT86PWG4 ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ACT86PWLE OBSOLETE TSSOP PW 14 TBD Call TI Call TI SN74ACT86PWR ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ACT86PWRE4 ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ACT86PWRG4 ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SNJ54ACT86FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type SNJ54ACT86J ACTIVE CDIP J 14 1 TBD A42 SNPB N / A for Pkg Type SNJ54ACT86W ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. PACKAGE OPTION ADDENDUM www.ti.com 18-Jul-2006 Addendum-Page 1 |