| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74ACT74DB bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74ACT74DB bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 6 page ![]() SN54ACT74, SN74ACT74 DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET SCAS520E – AUGUST 1995 – REVISED JANUARY 2000 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic symbol† S 4 3 1CLK 1D 2 1D R 1 1Q 5 6 C1 10 11 2CLK 12 2D 13 2Q 9 8 1PRE 2PRE 1CLR 2CLR 1Q 2Q † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. Pin numbers shown are for the D, DB, J, N, PW, and W packages. logic diagram, each flip-flop (positive logic) C C C C C C C C TG TG TG TG Q Q PRE CLK D CLR C C |