công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P308 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện P308
Giải thích chi tiết về linh kiện  Smart eID
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P308 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  P308 Datasheet HTML 1Page - NXP Semiconductors P308 Datasheet HTML 2Page - NXP Semiconductors P308 Datasheet HTML 3Page - NXP Semiconductors P308 Datasheet HTML 4Page - NXP Semiconductors P308 Datasheet HTML 5Page - NXP Semiconductors P308 Datasheet HTML 6Page - NXP Semiconductors P308 Datasheet HTML 7Page - NXP Semiconductors P308 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
P304_P308_P310G002_FAM_SDS_1
© NXP B.V. 2008. All rights reserved.
Product short data sheet
Rev. 01 — 29 July 2008
2 of 8
NXP Semiconductors
P304/P308/P310G002 family
Smart eID
1.3 Naming convention
1.4 Architecture overview
Every member of the Smart eID product family consists of hardware and software
components. The overall deliverable is a module for integration into a contactless smart
card or other contactless device. This module comes pre-configured with application
software and is ready to be personalized by NXP Semiconductors direct or indirect
customers.
1.4.1 Hardware platform
Every member of the Smart eID product family uses a proven, NXP-developed smart card
processor as the physical basis for its implementation. Chips are packaged in standard
modules ready to be bonded to an antenna coil and embedded in contactless cards.
NXP Semiconductors reserves the right to change aspects of manufacturing technology,
including, but not limited to: silicon chip design, silicon die size, choice of silicon
technology, silicon chip packaging. All aspects of the hardware platform relevant to NXP
Semiconductors direct or indirect customers are documented in the full data sheet and
other documents available for the Smart eID product family and its individual members.
2.
Features
2.1 Standard family features
I EEPROM: choice of 4 KB, 8 KB, 10 KB
N Data retention time: 20 years minimum
N Endurance: 100 000 cycles minimum
I ISO/IEC 7816 LDS-compatible file system implementation supporting open access,
BAC and BAC plus operating modes
I Configurable authentication and security settings to match customer system
requirements
I Configurable access conditions for elementary files
I Possible activation of the UPDATE BINARY command in BAC plus operating mode
I Life cycle management system
I ISO/IEC 7816-4 compliant subset of the commands for file manipulation
I Proprietary commands for easier personalization and transport key exchange
I Flexible support for one fixed functionality ID capable application
I Flexible file system based on ICAO LDS structure
Table 1.
Naming convention
P3xxG002zz Smart eID platform
xx
amount of non-volatile memory in KB, increasing count for further product options
zz
package type



Html Pages

1 2 3 4 5 6 7 8