công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DC02A bảng dữ liệu(PDF) 1 Page - Faraday Technology

tên linh kiện DC02A
Giải thích chi tiết về linh kiện  SMD VIDEO DELAY LINES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FARADAY [Faraday Technology]
Trang chủ  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

DC02A bảng dữ liệu(HTML) 1 Page - Faraday Technology

  DC02A Datasheet HTML 1Page - Faraday Technology DC02A Datasheet HTML 2Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
FARA083d.DOC
Page 1 of 2
Aug-01(C)
• Surface mount compatible
• Small size, low cost
• Video performance
• 50, 75 or 200 ohms
This range of SMD delay lines is suitable for automatic placement and reflow, and so do not add the excessive
production costs associated with through hole devices. They are designed to delay video bandwidth signal with
minimal distortion. The equalised lines allow small delay differences between signals to be matched and give excellent
response to pulse and bar test signals. They may also be cascaded to give wider ranges of delay times.
Common specifications:
Other delay times and impedances supplied upon request.
Part number
Delay time
Group delay ripple
Impedance
DA01A
1 ns
< 0.5 ns
50
Ω
DA02A
2 ns
< 0.5 ns
50
Ω
DA05A
5 ns
< 1.0 ns
50
Ω
DA10A
10 ns
< 1.0 ns
50
Ω
DB01A
1 ns
< 0.5 ns
75
Ω
DB02A
2 ns
< 0.5 ns
75
Ω
DB05A
5 ns
< 1.0 ns
75
Ω
DB10A
10 ns
< 1.0 ns
75
Ω
DC01A
1 ns
< 0.5 ns
200
Ω
DC02A
2 ns
< 0.5 ns
200
Ω
DC05A
5 ns
< 1.0 ns
200
Ω
DC10A
10 ns
< 1.0 ns
200
Ω
Tolerance on delay time at 200 kHz
± 2%
Bandwidth
> 5.5 MHz
Amplitude ripple
< 0.1 dB
Return loss
> 27 dB
Pulse and bar K-rating(2T)
< 0.5%
Luma/Chroma Gain Inequality(20T)
< 1%
Luma/Chroma Delay Inequality(20T)
< 5 ns
Temperature range
0 to 70
0C
Aqueous Washable
Yes
SMD Reflow Limitations as
Data Sheet Fara309
Package
DR00142A
D SERIES
SMD VIDEO DELAY LINES


Số phần tương tự - DC02A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Proto Advantage SMD Ada...
DC0201-S PROTOADVANTAGE-DC0201-S Datasheet
53Kb / 2P
Discrete (2 Pin) Stencils
revision 1.0
DC0201-S PROTOADVANTAGE-DC0201-S Datasheet
53Kb / 2P
Discrete (2 Pin) Stencils
revision 1.0
DC0201-S PROTOADVANTAGE-DC0201-S Datasheet
53Kb / 2P
Discrete (2 Pin) Stencils
revision 1.0
DC0201-S PROTOADVANTAGE-DC0201-S Datasheet
53Kb / 2P
Discrete (2 Pin) Stencils
revision 1.0
DC0201-S PROTOADVANTAGE-DC0201-S Datasheet
53Kb / 2P
Discrete (2 Pin) Stencils
revision 1.0
More results

Mô tả tương tự - DC02A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Manufacturing Co...
MSA1AA001 MURATA-MSA1AA001 Datasheet
36Kb / 1P
Coils/Delay Lines
logo
Faraday Technology
AF16B0010 FARADAY-AF16B0010 Datasheet
17Kb / 2P
5.5 MHZ VIDEO DELAY LINES
BF16B0010 FARADAY-BF16B0010 Datasheet
306Kb / 2P
11.0 MHz VIDEO DELAY LINES
FNV180 FARADAY-FNV180 Datasheet
74Kb / 2P
ADJUSTABLE VIDEO DELAY LINES
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920_09 Datasheet
724Kb / 15P
Triple Analog Video Delay Lines
May 28, 2009
logo
PCA ELECTRONICS INC.
EP9130 PCA-EP9130 Datasheet
30Kb / 1P
SMD 28 Pin Passive Delay Lines
EPA2875G-.5H PCA-EPA2875G-.5H Datasheet
39Kb / 1P
SMD Single Output Passive Delay Lines
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920 Datasheet
815Kb / 16P
Triple Analog Video Delay Lines
August 31, 2010
ISL59920IRZ INTERSIL-ISL59920IRZ Datasheet
795Kb / 18P
Triple Analog Video Delay Lines
August 27, 2015
logo
Renesas Technology Corp
ISL59920 RENESAS-ISL59920 Datasheet
1Mb / 18P
Triple Analog Video Delay Lines
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com