công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FF0250UD bảng dữ liệu(PDF) 1 Page - Faraday Technology

tên linh kiện FF0250UD
Giải thích chi tiết về linh kiện  GENERAL PURPOSE LP FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FARADAY [Faraday Technology]
Trang chủ  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

FF0250UD bảng dữ liệu(HTML) 1 Page - Faraday Technology

  FF0250UD Datasheet HTML 1Page - Faraday Technology FF0250UD Datasheet HTML 2Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
FARA039d
Page 1 of 2
Dec-99(C)
STEEPNESS FACTOR 1.35
This range of 7-pole Elliptical Function Low Pass Filters is similar to a type which has been successfully used
in broadcasting for many years but is offered in a small size with improved group delay and amplitude ripple.
The filters are corrected for Group Delay distortion over approx. 95% of the passband and for loss distortion
over the entire passband. Degradation of a composite video signal is minimal when a 4.5 MHz or 5.5 MHz
filter is selected for a 525 or 625 line T.V. system.
Order Code
End of Passband
Start of Stopband
Group Delay Ripple
Delay Time
MHz
MHz
ns max
ns
FF0200UD
2.00
2.70
25.0
1575
FF0250UD
2.50
3.38
20.0
1260
FF0300UD
3.00
4.05
17.0
1050
FF0350UD
3.50
4.73
15.0
900
FF0400UD
4.00
5.40
13.0
786
FF0450UD
4.50
6.08
11.0
700
FF0500UD
5.00
6.75
10.0
630
FF0550UD
5.50
7.43
9.0
573
FF0600UD
6.00
8.10
8.5
525
FF0650UD
6.50
8.78
8.0
485
FF0700UD
7.00
9.45
7.5
450
FF0750UD
7.50
10.13
7.0
420
FF0800UD
8.00
10.80
6.5
394
FF0850UD
8.50
11.48
6.0
370
FF0900UD
9.00
12.15
5.5
350
FF0950UD
9.50
12.83
5.5
332
FF1000UD
10.00
13.50
5.0
315
This range may be extended up to 30 MHz. Filters with other end of passband frequencies within the range can be
supplied at no extra cost.
Order as FF****UD inserting the frequency required in place of the asterisk eg for 5.23 MHz FF0523UD.
Other data
Impedance
75 ohms
Stopband attenuation wrt 100 kHz
> 40 dB
Amplitude ripple in passband
< 0.05 dB
Video performance for filters of 5.0 MHz (4.5 MHz for 525 line) and above.
Pulse and bar: K - rating
< 0.5%
Luminance/Chrominance Gain inequality (20T)
< 2%
Luminance/Chrominance Delay inequality
< 10 ns
Aqueous Washable
No
Package
DR00065B
FF...UD SERIES
GENERAL PURPOSE LP FILTER


Số phần tương tự - FF0250UD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Faraday Technology
FF0250J FARADAY-FF0250J Datasheet
126Kb / 2P
GENERAL PURPOSE VIDEO FILTER
FF0250L FARADAY-FF0250L Datasheet
127Kb / 2P
LOW PASS VIDEO FILTER
FF0250M FARADAY-FF0250M Datasheet
127Kb / 2P
LOW PASS VIDEO FILTER
More results

Mô tả tương tự - FF0250UD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Faraday Technology
FLB0275 FARADAY-FLB0275 Datasheet
76Kb / 2P
GENERAL PURPOSE LP FILTER
S14020G FARADAY-S14020G Datasheet
78Kb / 2P
GENERAL PURPOSE LP FILTER
S17020G FARADAY-S17020G Datasheet
77Kb / 2P
GENERAL PURPOSE LP FILTER
logo
List of Unclassifed Man...
FN2010-10-06 ETC2-FN2010-10-06 Datasheet
593Kb / 5P
General Purpose EMI Filter
FN2010-3-06 ETC2-FN2010-3-06 Datasheet
248Kb / 5P
General Purpose EMI Filter
FN2010-20-08 ETC2-FN2010-20-08 Datasheet
248Kb / 5P
General Purpose EMI Filter
FN2010B-20-08 ETC2-FN2010B-20-08 Datasheet
248Kb / 5P
General Purpose EMI Filter
FN2060-30-08 ETC2-FN2060-30-08 Datasheet
165Kb / 2P
General-purpose filter
logo
Qualtek Electronics Cor...
857-03-017 QUALTEK-857-03-017 Datasheet
69Kb / 1P
EMI FILTER-GENERAL PURPOSE
logo
Schaffner International...
FN-351 SCHAFFNER-FN-351 Datasheet
569Kb / 5P
General Purpose EMC Filter
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com