| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPB254 bảng dữ liệu(PDF) 2 Page - MIC GROUP RECTIFIERS |
|
|
|||||||||||||||||||||||||||||
LPB254 bảng dữ liệu(HTML) 2 Page - MIC GROUP RECTIFIERS |
|
2 / 2 page ![]() PRESS FIT AUTOMOTIVE RECTIFIER E-mail: sales@cnmic.com Web Site: www.cnmic.com VOLTAGE RANGE 100 to 600 Volts LPB251 THRU LPB256 LPBS251 THRU LPBS256 CURRENT 25.0 Amperes RATINGS AND CHARACTERISTIC CURVES F1G.2 MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT F1G.1 TYPICAL FORWARD CURRENT DERATING GURVE 1 Cycle NUMBER OF CYCLES AT 60 Hz 100 60 40 20 10 8 6 4 2 1 8.3ms Single Half Sine-Wave (JEDEC Method) Tj=Tj max 100 T1=25℃ PULSE WIDTH=300μS 1%DUTY CYCLE 0.6 0.8 1.2 1.0 1.8 2.0 1.6 1.4 0.1 1.0 10 100 1000 INSTANTANEOUS FORWARD VOLTAGE,(V) F1G.3 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 80 Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375″(9.5mm) Lead Length 0 0 25 50 75 175 150 100 125 CASE TEMPERATURE, () ℃ 10 30 30 20 25 400 300 200 AVERAGE FORWARD CURRENT, (A) 30 20 10 0 25 20 15 10 5 0 SQUARE WAVE F1G.4 FORWARD ROWER DISSIPATION LPB251 THRU LPB256 LPBS2505 THRU LPBS256 |