| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JHA05 bảng dữ liệu(PDF) 2 Page - CIT Relay & Switch |
|
|
|||||||||||||||||||||||||||||
JHA05 bảng dữ liệu(HTML) 2 Page - CIT Relay & Switch |
|
2 / 2 page ![]() www.citswitch.com page 12 phone – 763.535.2339 fax – 763.535.2194 LED SPECIFICATIONS Value LED Ratings R G Y Units Reverse Voltage VR 5 5 5 V Forward Current (avg / peak) IF / IFS 30 / 125 30 / 125 30 / 125 mA Reverse Current VR = 5V IR 10 10 10 µA Power Dissipation PT 69 81 81 mW Forward Voltage (typ. / max), IF = 20mA VF 1.8 / 2.3 2.2 / 2.7 2.2 / 2.7 V Wavelength, Peak Emmission, IF = 20mA λP 660 565 585 nm Spectral Line Half-Width, IF = 20mA ∆λ 24 30 35 nm Luminous Intensity, IF = 20mA LI 4 6 6 mcd Viewing Angle Θ 150 150 150 Deg DIMENSIONS SCHEMATICS & PC LAYOUT NO LED ONE LED TWO LEDs (BOTOM VIEW) CAP OPTIONS A0 A1 A2 B0 B1 B2 JH |