| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BNP11SCR bảng dữ liệu(PDF) 4 Page - CIT Relay & Switch |
|
|
|||||||||||||||||||||||||||||
BNP11SCR bảng dữ liệu(HTML) 4 Page - CIT Relay & Switch |
|
4 / 5 page ![]() www.citswitch.com page 187 phone – 763.535.2339 fax – 763.535.2194 BNP TERMINAL OPTIONS A5 (A5S – Snap-in Bracket) = PC Pins with Support Bracket (SPST) A5 (A5S – Snap-in Bracket) = PC Pins with Support Bracket (SPDT) CONTACT OPTIONS Designator Contact Material Terminal Material Electrical Ratings Q Silver Plating Silver Plating 3A @ 120VAC, 28VDC; 1A @ 250VAC R Gold over Nickel Plating Gold over Nickel Plating .4 VA max @ 20VAC or VDC max G Gold over Silver Plating Gold over Silver Plating .4 VA max @ 20VAC or VDC max or 3A @ 120VAC, 28VDC; 1A @ 250VAC FRAME OPTIONS F86_ _ ← (Insert Cap & Frame Colors Here) Cap Color / Frame Color: 1 = White, 2 = Black, 3 = Red **Contact factory for other available colors |