| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74LS123 bảng dữ liệu(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
74LS123 bảng dữ liệu(HTML) 10 Page - Texas Instruments |
|
10 / 12 page ![]() PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 5962-7603901VEA ACTIVE CDIP J 16 1 None Call TI Level-NC-NC-NC 5962-7603901VFA ACTIVE CFP W 16 1 None Call TI Level-NC-NC-NC 7603901EA ACTIVE CDIP J 16 1 None Call TI Level-NC-NC-NC 7603901FA ACTIVE CFP W 16 1 None Call TI Level-NC-NC-NC JM38510/01203BEA ACTIVE CDIP J 16 1 None Call TI Level-NC-NC-NC JM38510/31401B2A ACTIVE LCCC FK 20 1 None Call TI Level-NC-NC-NC JM38510/31401BEA ACTIVE CDIP J 16 1 None Call TI Level-NC-NC-NC JM38510/31401BFA ACTIVE CFP W 16 1 None Call TI Level-NC-NC-NC SN54122J OBSOLETE CDIP J 14 None Call TI Call TI SN54123J ACTIVE CDIP J 16 1 None Call TI Level-NC-NC-NC SN54LS123J ACTIVE CDIP J 16 1 None Call TI Level-NC-NC-NC SN74122N OBSOLETE PDIP N 14 None Call TI Call TI SN74123N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74123N3 OBSOLETE PDIP N 16 None Call TI Call TI SN74LS122D ACTIVE SOIC D 14 50 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN74LS122DR ACTIVE SOIC D 14 2500 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN74LS122N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS122N3 OBSOLETE PDIP N 14 None Call TI Call TI SN74LS122NSR ACTIVE SO NS 14 2000 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN74LS123D ACTIVE SOIC D 16 40 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN74LS123DR ACTIVE SOIC D 16 2500 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN74LS123J OBSOLETE CDIP J 16 None Call TI Call TI SN74LS123N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS123N3 OBSOLETE PDIP N 16 None Call TI Call TI SN74LS123NSR ACTIVE SO NS 16 2000 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SNJ54122J OBSOLETE CDIP J 14 None Call TI Call TI SNJ54123J ACTIVE CDIP J 16 1 None Call TI Level-NC-NC-NC SNJ54123W ACTIVE CFP W 16 1 None Call TI Level-NC-NC-NC SNJ54LS123FK ACTIVE LCCC FK 20 1 None Call TI Level-NC-NC-NC SNJ54LS123J ACTIVE CDIP J 16 1 None Call TI Level-NC-NC-NC SNJ54LS123W ACTIVE CFP W 16 1 None Call TI Level-NC-NC-NC (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. PACKAGE OPTION ADDENDUM www.ti.com 28-Feb-2005 Addendum-Page 1 |