| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74155N bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74155N bảng dữ liệu(HTML) 8 Page - Texas Instruments |
|
8 / 17 page ![]() PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 5962-9750801Q2A ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC 5962-9750801QEA ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC 5962-9750801QEA ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC 5962-9750801QFA ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC 5962-9750801QFA ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC SN54155J OBSOLETE CDIP J 16 TBD Call TI Call TI SN54155J OBSOLETE CDIP J 16 TBD Call TI Call TI SN54LS155AJ ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SN54LS155AJ ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SN54LS156J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SN54LS156J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SN74155N OBSOLETE PDIP N 16 TBD Call TI Call TI SN74155N OBSOLETE PDIP N 16 TBD Call TI Call TI SN74155N3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74155N3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74156N OBSOLETE PDIP N 16 TBD Call TI Call TI SN74156N OBSOLETE PDIP N 16 TBD Call TI Call TI SN74LS155AD ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS155AD ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS155ADE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS155ADE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS155ADR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS155ADR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS155ADRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS155ADRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS155AN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS155AN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS155ANE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS155ANE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS155ANSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS155ANSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS155ANSRE4 ACTIVE SO NS 16 2000 Green (RoHS & CU NIPDAU Level-1-260C-UNLIM PACKAGE OPTION ADDENDUM www.ti.com 26-Sep-2005 Addendum-Page 1 |