| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
E64/10/50-3C94 bảng dữ liệu(PDF) 2 Page - FERYSTER Inductive Components Manufacturer |
|
|
|||||||||||||||||||||||||||||
E64/10/50-3C94 bảng dữ liệu(HTML) 2 Page - FERYSTER Inductive Components Manufacturer |
|
2 / 6 page ![]() 2004 Sep 01 2 Ferroxcube Planar E cores and accessories E64/10/50 CORES Effective core parameters of a set of E cores SYMBOL PARAMETER VALUE UNIT Σ(I/A) core factor (C1) 0.156 mm−1 Ve effective volume 40700 mm3 Ie effective length 79.9 mm Ae effective area 519 mm2 Amin minimum area 519 mm2 m mass of core half ≈ 100 g handbook, halfpage CBW415 64.0 ±1.3 53.8 ±1.1 5.1 ±0.13 50.8 ±1 R0.64 ref. typ. R0.81 ref. typ. 10.2 ±0.13 R0.25 max. typ. 10.2 ±0.2 Fig.1 E64/10/50. Dimensions in mm. Effective core parameters of an E/PLT combination Ordering information for plates SYMBOL PARAMETER VALUE UNIT Σ(I/A) core factor (C1) 0.136 mm−1 Ve effective volume 35500 mm3 Ie effective length 69.7 mm Ae effective area 519 mm2 Amin minimum area 519 mm2 m mass of plate ≈ 78 g GRADE TYPE NUMBER 3C90 PLT64/50/5-3C90 3C92 PLT64/50/5-3C92 3C93 PLT64/50/5-3C93 3C94 PLT64/50/5-3C94 3F3 PLT64/50/5-3F3 3F4 PLT64/50/5-3F4 handbook, halfpage CBW416 63.8 ±1.3 50.3 ±1 5.08 ±0.13 R0.64 ref. typ. Fig.2 PLT 64/50/5. Dimensions in mm. |