| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EPC2 bảng dữ liệu(PDF) 2 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EPC2 bảng dữ liệu(HTML) 2 Page - Altera Corporation |
|
2 / 36 page ![]() 2 Altera Corporation Configuration Devices for SRAM-based LUT Devices Data Sheet ■ EPC4, EPC8, and EPC16 configuration devices have reprogrammable Flash configuration memory with density up to 16,000,000 or 32,000,000 bits with compression feature in these devices. f For detailed information on configuration devices, refer to the Enhanced Configuration Devices (EPC4, EPC8, & EPC16) Data Sheet. Figure 1. EPC1, EPC1441, EPC1213, EPC1064, & EPC1064V Package Pin-Out Diagrams Note (1) Notes to Figure 1: (1) EPC1, EPC1441, EPC1213, and EPC1064 devices are one-time programmable devices. ISP programming is not available in these devices because they do not have JTAG pins. (2) The nCASC pin is available on EPC1 and EPC1213 devices. On the EPC1064, EPC1064V, and EPC1441 devices, it is a reserved pin and should not be connected. 8-Pin PDIP 32-Pin TQFP EPC1441 EPC1064 EPC1064V 20-Pin PLCC EPC1 EPC1441 EPC1213 EPC1064 EPC1064V EPC1 EPC1441 EPC1213 EPC1064 EPC1064V DATA DCLK OE nCS VCC VCC nCASC (2) GND 1 2 3 4 8 7 6 5 1 2 3 4 5 6 7 8 20 19 10 13 18 17 16 15 14 OE N.C. N.C. N.C. N.C. N.C. N.C. N.C. DCLK VCC 30 31 32 1 2 3 4 5 29 28 DCLK N.C. N.C. N.C. N.C. N.C. N.C. N.C. N.C. N.C. N.C. N.C. N.C. N.C. 24 23 22 21 20 VCC 19 18 17 25 916 8 OE 6 7 10 11 12 13 14 15 27 26 911 12 |