công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HR1224W bảng dữ liệu(PDF) 1 Page - CSB Battery Co., Ltd.

tên linh kiện HR1224W
Giải thích chi tiết về linh kiện  specially designed for high efficient discharge application
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CSB-BATTERY [CSB Battery Co., Ltd.]
Trang chủ  http://www.csb-battery.com
Logo CSB-BATTERY - CSB Battery Co., Ltd.

HR1224W bảng dữ liệu(HTML) 1 Page - CSB Battery Co., Ltd.

  HR1224W Datasheet HTML 1Page - CSB Battery Co., Ltd. HR1224W Datasheet HTML 2Page - CSB Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cells Per Unit
6
Voltage Per Unit
12
Capacity
24W @ 15min-rate to 1.67V per cell @25
(77
)
@25
(77
)
Weight
Approx.
1.95 kg(4.3 lbs)
Maximum Discharge Current
100A/130A(5sec)
Internal Resistance
Approx. 21 m
Operating Temperature Range
Nominal Operating Temperature Range
25
3
(77
5
)
Float Charging Voltage
13.5 to 13.8 VDC/unit Average at 25
(77
)
Recommended Maximum Charging
2.4A
Current Limit
Equalization and Cycle Service
14.4 to 15.0 VDC/unit Average at 25
(77
)
Self Discharge
CSB Batteries can be stored for more than 6 months at
25
(77
). Please charge batteries before using. For
higher temperatures the time interval will be shorter.
Terminal
F1/F2-Faston Tab187/250
Container Material
ABS(UL 94-HB/File E50263)*Flammability resistance of
(UL 94-V0/File E88637) can be available upon request.
Discharge: -15
~50
( 5
~122
)
Charge: -15
~40
( 5
~104
)
Storage: -15
~40
( 5
~104
)
6 Ah @ 20hr-rate to 1.75V per cell
Constant Power Discharge Characteristics
Unit:W (25
,77
)
Constant Current Discharge Characteristics
Unit:A (25
,77
)
HR 1224W 12V 24W
Specification
Powered by
HR 1224W is specially designed for high efficient
discharge application. Its characteristics are high energy
density, small footprint and high discharge efficiency. It can
be used for more than 260 cycles at 100% discharge in cycle
service, up to 5 years in standby service.
Width (W)
Dimensions :
Unit: mm (inch)
Overall Height (H)
Container height (h)
Length (L)
98.3±1 (3.87±0.04)
94±1 (3.7±0.04)
151±2 (5.94±0.08)
51±1.2 (2.01±0.05)
F.V/Time
2MIN
4MIN
6MIN
8MIN
10MIN
15MIN
20MIN
30MIN
60MIN
90MIN
1.60V
47.5
33.0
26.1
22.0
18.9
14.0
11.0
7.95
4.29
3.43
1.67V
44.1
31.1
24.7
21.0
18.0
13.5
10.6
7.76
4.20
3.34
1.70V
42.7
30.3
24.0
20.5
17.6
13.2
10.5
7.67
4.15
3.30
1.75V
40.5
28.8
23.0
19.8
17.0
12.8
10.2
7.56
4.10
3.26
1.80V
38.4
27.4
22.2
19.1
16.4
12.5
10.0
7.49
4.06
3.22
1.85V
36.4
26.0
21.3
18.5
16.0
12.1
9.84
7.44
4.04
3.19
F.V/Time
2MIN
4MIN
6MIN
8MIN
10MIN
15MIN
20MIN
30MIN
60MIN
90MIN
1.60V
570
396
313
264
228
168
132
95.4
51.5
41.2
1.67V
529
373
297
251
217
162
128
92.9
50.3
40.2
1.70V
512
363
289
246
212
159
126
92.1
49.9
39.7
1.75V
486
346
277
238
204
154
123
90.8
49.3
39.2
1.80V
461
329
266
229
197
149
121
89.9
48.8
38.8
1.85V
437
314
256
219
187
144
119
89.2
48.5
38.6
RA0812
CSB-manufactured
VRLA batteries are UL-
recognized components
under UL924 and UL1989.
CSB is also certified by
ISO 9001 and ISO 14001.


Số phần tương tự - HR1224W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
CSB Battery Co., Ltd.
HR1224WF2F1 CSB-BATTERY-HR1224WF2F1 Datasheet
661Kb / 2P
Battery - 12 Volt 24Watts/Cell 6.4Amp Hour
HR1224W CSB-BATTERY-HR1224W_16 Datasheet
2Mb / 2P
Cells Per Unit 6 Voltage Per Unit 12
HR1224W CSB-BATTERY-HR1224W_17 Datasheet
394Kb / 1P
Valve Regulated Lead Acid Battery
More results

Mô tả tương tự - HR1224W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
CSB Battery Co., Ltd.
HC1228W CSB-BATTERY-HC1228W Datasheet
494Kb / 2P
specially designed for high efficient discharge application
HR1221W CSB-BATTERY-HR1221W Datasheet
488Kb / 2P
specially designed for high efficient discharge application
HR12120W CSB-BATTERY-HR12120W Datasheet
498Kb / 2P
specially designed for high efficient discharge application
HR1227W CSB-BATTERY-HR1227W Datasheet
528Kb / 2P
specially designed for high efficient discharge application
HR1234W CSB-BATTERY-HR1234W Datasheet
491Kb / 2P
specially designed for high efficient discharge application
HR1251W CSB-BATTERY-HR1251W Datasheet
490Kb / 2P
specially designed for high efficient discharge application
HRL1210W CSB-BATTERY-HRL1210W Datasheet
524Kb / 2P
specially designed for high efficient discharge application
HRL12330W CSB-BATTERY-HRL12330W Datasheet
545Kb / 2P
specially designed for high efficient discharge application
HRL1280W CSB-BATTERY-HRL1280W Datasheet
518Kb / 2P
specially designed for high efficient discharge application
HR1221W CSB-BATTERY-HR1221W_16 Datasheet
2Mb / 2P
specially designed for high efficient discharge application
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com