công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI4450 bảng dữ liệu(PDF) 43 Page - Texas Instruments

tên linh kiện PCI4450
Giải thích chi tiết về linh kiện  PC Card and OHCI Controller
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI4450 bảng dữ liệu(HTML) 43 Page - Texas Instruments

Back Button PCI4450 Datasheet HTML 39Page - Texas Instruments PCI4450 Datasheet HTML 40Page - Texas Instruments PCI4450 Datasheet HTML 41Page - Texas Instruments PCI4450 Datasheet HTML 42Page - Texas Instruments PCI4450 Datasheet HTML 43Page - Texas Instruments PCI4450 Datasheet HTML 44Page - Texas Instruments PCI4450 Datasheet HTML 45Page - Texas Instruments PCI4450 Datasheet HTML 46Page - Texas Instruments PCI4450 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 197 page
background image
PCI4450 GFN/GJG
PC Card and OHCI Controller
SCPS046 – JANUARY 1999
43
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
The RI signal from the 16-bit PC Card interface is masked by the ExCA control bit RINGEN in the ExCA interrupt
and general control register. This is programmed on a per socket basis, and is only applicable when a 16-bit
card is powered in the socket.
The CBWAKE signaling to RI_OUT is enabled through the same mask as the CSC event for CSTSCHG. The
mask bit, CSTSMASK, is programmed through the socket mask register in the CardBus socket registers.
PC CARD CONTROLLER PROGRAMMING MODEL
This section describes the PCI4450 PCI configuration registers that make up the 256-byte PCI configuration
header for each PCI4450 function. As noted below, some bits are global in nature and should be accessed only
through function 0.
Registers containing one or more global bits are denoted by a “§.”
Any bit followed by a “†” is not cleared by the assertion of PRST (refer to
CardBus device class power
management for more details) if PME is enabled (PCI offset A4h, bit 8). In this case, these bits are only cleared
by G_RST. If PME is not enabled, then these bits are cleared by G_RST or PRST. These bits are sometimes
referred to as PME context bits and are implemented to allow PME context to be preserved when transitioning
from D3hot or D3cold to D0. If the PME context PRST functionality is not desired, then the PRST and G_RST
signals should be tied together.
If a bit is followed by a “‡”, then this bit is only cleared by G_RST in all cases (not conditional on PME being
enabled). These bits are intended to maintain device context such as interrupt routing and MFUNC
programming during “warm” resets.
PCI configuration registers (functions 0 and 1)
The PCI4450 is a multifunction PCI device, and the PC Card controller is integrated as PCI functions 0 and 1.
The configuration header, compliant with the PCI Specification as a CardBus bridge header, is PC97/PC98
compliant as well. Table 24 illustrates the PCI configuration header, which includes both the predefined portion
of the configuration space and the user definable registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com