công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIM-SS bảng dữ liệu(PDF) 1 Page - Gamewell-FCI by Honeywell

tên linh kiện PIM-SS
Giải thích chi tiết về linh kiện  Ten-Input Monitor Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Trang chủ  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

PIM-SS bảng dữ liệu(HTML) 1 Page - Gamewell-FCI by Honeywell

  PIM-SS Datasheet HTML 1Page - Gamewell-FCI by Honeywell PIM-SS Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PIM-SS
CS-2468
09/01/06
Page 1 of 2
Features
• Ten addressable Class B or
five addressable Class A
initiating device circuits.
• Removable 12 AWG (3.25
mm²) to 18 AWG (0.9 mm²)
plug-in terminal blocks.
• Use with Gamewell’s IF602,
610, 632, 654 and 658 with
SmartScan™ loop card.
• Status indicators for each
point.
• Unused addresses may be
disabled.
• Rotary address switches.
• Class A or Class B operation.
• Mount one or two modules in a
BB-XP cabinet (optional).
• Mount up to six modules on a
CHS-6 chassis in a BB-25
cabinet (optional).
• Mounting hardware included.
Listings
Listings and approvals below
apply to the PIM-SS Ten-Input
Monitor Module. In some
cases, certain modules may
not be listed by certain ap-
proval agencies, or listing may
be in process. Consult factory
for latest listing status.
• UL Listed: file S521.
• CSFM approved:
file 7300-1288:169.
• MEA approved:
file 368-01-E Vol. II.
PIM-SS
Ten-Input Monitor Module
Description
Gamewell’s SmartScanTM PIM-SS ten-
input monitor module provides an
interface between a control panel
and normally open contact devices
in intelligent alarm systems such as
conventional pull stations and heat
detectors.
The first address on the PIM-SS is
set from 01 to 90 and the remaining
modules are automatically assigned
to the next nine higher addresses.
Provisions are included for disabling
a maximum of two unused ad-
dresses.
The supervised state (normal, open,
or short) of the monitored device is
sent back to the panel. A common SLC input is used for all modules, and the
initiating device loops share a common supervisory supply and ground — other-
wise each monitor operates independently from the others.
Each PIM-SS module has panel-controlled green LED indicators. The panel can
cause the LEDs to blink, latch on, or latch off.
Product Line Information
PIM-SS: Ten-input monitor module.
BB-25: Optional cabinet for up to six modules mounted on CHS-6 chassis (be-
low). Dimensions, DOOR: 24.0" (60.96 cm) wide x 12.632" (32.0852 cm) high, x
1.25" (3.175 cm) deep, hinged at bottom; BACKBOX: 24.0" (60.96 cm) wide x
12.550" (31.877 cm) high x 5.218" (13.2537 cm) deep.
CHS-6: Chassis, mounts up to six modules in a BB-25 cabinet.
SS-M with SS-B6 base


Số phần tương tự - PIM-SS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Directed Energy, Inc.
PIM-MINI-10 DEI-PIM-MINI-10 Datasheet
284Kb / 3P
Pulsed Current Source
PIM-MINI-20 DEI-PIM-MINI-20 Datasheet
285Kb / 3P
Pulsed Current Source
PIM-MINI-200 DEI-PIM-MINI-200 Datasheet
290Kb / 3P
Pulsed Current Source
PIM-MINI-5 DEI-PIM-MINI-5 Datasheet
284Kb / 3P
Pulsed Current Source
PIM-MINI-50 DEI-PIM-MINI-50 Datasheet
284Kb / 3P
Pulsed Current Source
More results

Mô tả tương tự - PIM-SS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Honeywell Solid State E...
XP10-M HONEYWELL-XP10-M Datasheet
152Kb / 2P
Ten-Input Monitor Module
logo
Systemsensor advanced i...
EM-1MI SYSTEMSENSOR-EM-1MI Datasheet
268Kb / 2P
Monitor Module
logo
Gamewell-FCI by Honeywe...
AOM-MUXF GAMEWELL-FCI-AOM-MUXF Datasheet
403Kb / 1P
Telephone monitor module
AMM-2F GAMEWELL-FCI-AMM-2F_13 Datasheet
55Kb / 1P
Addressable Monitor Module
AMM-4F GAMEWELL-FCI-AMM-4F_13 Datasheet
67Kb / 1P
Addressable Monitor Module
logo
Bel Fuse Inc.
940-SP-301010R BEL-940-SP-301010R Datasheet
178Kb / 1P
Ten Conductor, Ten Position Line Cord Module
940-SP-301010R-K1 BEL-940-SP-301010R-K1 Datasheet
176Kb / 1P
Ten Conductor, Ten Position Line Cord Module
940-SP-301010R-K2 BEL-940-SP-301010R-K2 Datasheet
169Kb / 1P
Ten Conductor, Ten Position Line Cord Module
940-SP-301010R-RMK BEL-940-SP-301010R-RMK Datasheet
94Kb / 1P
Ten Conductor, Ten Position Line Cord Module
940-SP-301010R-RMK4 BEL-940-SP-301010R-RMK4 Datasheet
172Kb / 1P
Ten Conductor, Ten Position Line Cord Module
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com