| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FPT-XSTAND bảng dữ liệu(PDF) 1 Page - Gamewell-FCI by Honeywell |
|
|
|||||||||||||||||||||||||||||
FPT-XSTAND bảng dữ liệu(HTML) 1 Page - Gamewell-FCI by Honeywell |
|
1 / 2 page ![]() GAMEWELL-FCI 12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118 Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use. ©2007 by Honeywell International Inc. All rights reserved. www.gamewell-fci.com 9021-60283 Rev. A page 1 of 2 FocalPoint® Mobile Workstation Tablet PC-Based Graphic User Interface Description The Gamewell-FCI, FocalPoint® Mobile Workstation is a Tablet PC-based graphic user interface that connects to the 7200, 7100, E3 Series®, and 600 Series product lines of fire alarm control panels via the Gateway interface. It can be connected to a proprietary or shared TCP/IP net- work. The FocalPoint Mobile workstation is a military spec tablet PC that is designed to survive in harsh conditions. The tablet displays fire alarm control panel network events in real time, in both text and graphic modes. One FocalPoint Mobile workstation can monitor multiple FocalPoint Gateways which can be connected to the fol- lowing systems: • Standalone 600 Series • 600 Series Networks • Standalone E3 Series • E3 Series Networks • Standalone 7100 • 7100 NetSOLO® Networks • 7200 Series The FocalPoint workstation supports a broad scope of commercial, industrial and institutional applications. The workstation can be configured to monitor multiple systems installed in remote locations to meet facility requirements of multi-building complexes. The workstation is designed as a mobile decision support tool by facilities management, security and emergency responders. This workstation uses graphic images to dis- play information that allows personnel to quickly evaluate the emergency and make prompt and informed decisions. From a single screen, a workstation operator can: • Magnify the facility map using "zoom in" and "zoom out" feature to view floor plans or identify the location and type of multiple events. • System screen synchronization - Keeps all workstations on the system up to date. • Monitor remote site activity and link multimedia (text, audio, video, and graphic files) to any device. • View the event history log on the same screen as the facility floor plans to evaluate the sequence of events. • Display History manager records for operator, event, and response (with time and date stamp to disk). FocalPoint®, E3 Series® and NetSOLO® are registered trademarks of Honeywell International Inc. Microsoft® Windows® is a registered trademark of Mircrosoft® Corporation. Intel® is a registered trademark of Intel® Corporation. Features • User friendly setup - import floor plans as Windows® graphic bitmaps or Windows graphic met files. • Secure access - security profiles provide multiple levels of access to different users. • Improved system maintenance - reports and logs trouble events. • Automatic screen navigation - (selectable for each device) that locates and zooms to the device related to an alarm event, based on the priority of the event\. • Information labels - Identify hazardous material (HAZMAT) and handicapped accessible areas using fully linked multimedia. FocalPoint Mobile Workstation |
Số phần tương tự - FPT-XSTAND |
|
Mô tả tương tự - FPT-XSTAND |
|
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |