công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMM-2F bảng dữ liệu(PDF) 1 Page - Gamewell-FCI by Honeywell

tên linh kiện AMM-2F
Giải thích chi tiết về linh kiện  Addressable monitor module, single circuit, Style B, Class B
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Trang chủ  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

AMM-2F bảng dữ liệu(HTML) 1 Page - Gamewell-FCI by Honeywell

  AMM-2F Datasheet HTML 1Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Velociti® Series
AMM-2F
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: (203) 484-7161 - Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2008 Gamewell-FCI. All rights reserved.
www.gamewell-fci.com
9020-0626 Rev. C1 page 1 of 1
Description
The Gamewell-FCI Velociti® Series, addressable monitor
module AMM-2F is a single Style B, Class B initiating
device circuit (IDC) with a 47KW end-of-line resistor. This
module provides an address for any device or group of
devices connected to this circuit on the signaling line
circuit (SLC) of the Gamewell-FCI addressable series fire
alarm control panel. Any initiating device with normally
open (N.O.) dry contacts may be made addressable
when connected to the AMM-2F module.
The Velociti® Series use a communication protocol that
substantially increases the speed of communication
between the sensors and certain Gamewell-FCI analog
addressable fire alarm controls. These devices operate
in a grouped fashion. If one of the devices in the group
has a status change, the panel’s microprocessor stops
the group poll and concentrates on the single device.
The net effect is response speed up to five times greater
than earlier designs.
The AMM-2F module can be programmed to provide a
wide variety of input functions to the Gamewell-FCI ad-
dressable series fire alarm control panels. It can be iden-
tified as a manual station, heat detector, plenum detec-
tor, waterflow switch, tamper switch, N.O. contact, smoke
detector, projected beam smoke detector, sub loop,
remote zone, etc. It can also serve as a remote system
silence, system reset, system acknowledge or drill
switch. It is even possible to customize its device type to
meet specific job requirements.
The initiating device circuit of the AMM-2F can support a
maximum line resistance of up to 40 ohms allowing the
use of linear heat detection devices. The compact size
facilitates the installation of the module inside manual
stations, or mounting boxes of various types of alarm
initiating devices.
Velociti® and E3 Series® are registered trademarks of Honeywell
International Inc.
Addressable
Monitor Module
AMM-2F
Features
• Compact size allows easy installation
• Class B, Style B, initiating circuit
• 40 Ohm line resistance for each initiating device
circuit
• Connects to any normally open dry contact device
• Bicolor LEDs flash green whenever the module
is addressed, and light steady red on alarm*
*Note: Only the red LED is operative in panels that do not
operate in Velociti® mode
.
Specifications
Supervisory current:
.000375 amps.
Alarm current:
.00060 amps.
Operating temperature:
32˚ to 120˚ F (0˚ to 49˚ C)
Relative humidity:
10 to 93% (non-condensing)
End-of-line Resistance:
47K ohms
Dimensions:
1.3” L x 2.5” W x 0.5” D
(3.3 x 6.4 x 1.3 cm)
Ordering Information
Model
Description
AMM-2F
Addressable monitor module, single circuit,
Style B, Class B
An ISO 9001-2000 Company


Số phần tương tự - AMM-2F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gamewell-FCI by Honeywe...
AMM-2F GAMEWELL-FCI-AMM-2F_13 Datasheet
55Kb / 1P
Addressable Monitor Module
More results

Mô tả tương tự - AMM-2F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gamewell-FCI by Honeywe...
AMM-4F GAMEWELL-FCI-AMM-4F Datasheet
244Kb / 1P
Addressable monitor module single circuit, Style D, Class A or Style BC/A and B
AMM-2IF GAMEWELL-FCI-AMM-2IF Datasheet
174Kb / 1P
Monitor module, two circuit, Style B, Class B
AMM-4SF GAMEWELL-FCI-AMM-4SF Datasheet
195Kb / 1P
Addressable monitor module, single circuit,
AMM-2F GAMEWELL-FCI-AMM-2F_13 Datasheet
55Kb / 1P
Addressable Monitor Module
AMM-4F GAMEWELL-FCI-AMM-4F_13 Datasheet
67Kb / 1P
Addressable Monitor Module
logo
Recom International Pow...
RAC01-GB RECOM-RAC01-GB Datasheet
401Kb / 5P
1 Watt Single Output EMC Class B
RAC02-GB RECOM-RAC02-GB Datasheet
400Kb / 5P
2 Watt Single Output EMC Class B
RAC04-GB RECOM-RAC04-GB Datasheet
438Kb / 5P
4 Watt Single Output EMC Class B
RAC03-GB RECOM-RAC03-GB_18 Datasheet
1Mb / 6P
3 Watt Single Output EMC Class B
logo
SparkFun Electronics
ROB-12400 SPARKFUN-ROB-12400 Datasheet
94Kb / 1P
Motor Mount - B Style
2/10/2016
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com