| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GD75232N bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
GD75232N bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 12 page ![]() GD75232 MULTIPLE RS-232 DRIVERS AND RECEIVERS SLLS206C – MAY 1995 – REVISED JULY 1998 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic symbol† 9 8 7 6 5 4 3 2 RY5 DA3 RY4 DA2 DA1 RY3 RY2 RY1 RA5 DY3 RA4 DY2 DY1 RA3 RA2 RA1 12 13 14 15 16 17 18 19 † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. logic diagram (positive logic) RY1 RA1 RY2 RA2 RY3 RA3 DA1 DY1 DA2 DY2 RY4 RA4 DA3 DY3 RY5 RA5 2 3 4 5 6 7 8 9 19 18 12 13 14 15 16 17 schematic (each driver) DYx Output 320 Ω 68.5 Ω 3.3 k Ω 10.4 k Ω To Other Drivers VSS To Other Drivers GND 4.2 k Ω Input DAx VDD 75.8 Ω 9.4 k Ω 11.6 k Ω To Other Drivers Resistor values shown are nominal. |