| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAC7800LP bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DAC7800LP bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 17 page ![]() DAC7800, 7801, 7802 13 SBAS005A www.ti.com PACKAGE DRAWINGS MPDI002B – JANUARY 1995 – REVISED FEBRUARY 2000 N (R-PDIP-T**) PLASTIC DUAL-IN-LINE PACKAGE 0.325 (8,26) 0.300 (7,62) 0.010 (0,25) NOM Gauge Plane 0.015 (0,38) 0.430 (10,92) MAX 20 0.975 (24,77) 0.940 (23,88) 18 0.920 0.850 14 0.775 0.745 (19,69) (18,92) 16 0.775 (19,69) (18,92) 0.745 A MIN DIM A MAX PINS ** (23,37) (21,59) Seating Plane 14/18 PIN ONLY 4040049/D 02/00 9 8 0.070 (1,78) MAX A 0.035 (0,89) MAX 0.020 (0,51) MIN 16 1 0.015 (0,38) 0.021 (0,53) 0.200 (5,08) MAX 0.125 (3,18) MIN 0.240 (6,10) 0.260 (6,60) M 0.010 (0,25) 0.100 (2,54) 16 PINS SHOWN NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. Falls within JEDEC MS-001 (20-pin package is shorter than MS-001). |