công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY74FCT162501CTPVC bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện CY74FCT162501CTPVC
Giải thích chi tiết về linh kiện  18-Bit Registered Transceivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT162501CTPVC bảng dữ liệu(HTML) 5 Page - Texas Instruments

  CY74FCT162501CTPVC Datasheet HTML 1Page - Texas Instruments CY74FCT162501CTPVC Datasheet HTML 2Page - Texas Instruments CY74FCT162501CTPVC Datasheet HTML 3Page - Texas Instruments CY74FCT162501CTPVC Datasheet HTML 4Page - Texas Instruments CY74FCT162501CTPVC Datasheet HTML 5Page - Texas Instruments CY74FCT162501CTPVC Datasheet HTML 6Page - Texas Instruments CY74FCT162501CTPVC Datasheet HTML 7Page - Texas Instruments CY74FCT162501CTPVC Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CY74FCT16501T
CY74FCT162501T
CY74FCT162H501T
5
Switching Characteristics Over the Operating Range[18]
CY74FCT16501AT
CY74FCT162501AT
CY74FCT162501CT
CY74FCT162H501CT
CY74FCT16501ET
CY74FCT162501ET
CY74FCT162H501ET
Fig.
No.[19]
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fMAX
CLKAB or CLKBA
frequency[20]
—
150
—
150
—
150
MHz
—
tPLH
tPHL
Propagation Delay
A to B or B to A
1.5
5.1
1.5
4.6
1.5
3.8
ns
1,3
tPLH
tPHL
Propagation Delay
LEBA to A, LEAB to B
1.5
5.6
1.5
5.3
1.5
4.2
ns
1,5
tPLH
tPHL
Propagation Delay
CLKBA to A,
CLKAB to B
1.5
5.6
1.5
5.3
1.5
4.2
ns
1,5
tPZH
tPZL
Output Enable Time
OEBA to A, OEAB to B
1.5
6.0
1.5
5.6
1.5
4.8
ns
1,7,8
tPHZ
tPLZ
Output Disable Time
OEBA to A, OEAB to B
1.5
5.6
1.5
5.2
1.5
5.2
ns
1,7,8
tSU
Set-Up Time,
HIGH or LOW
A to CLKAB,
B to CLKBA
3.0
—
3.0
—
2.4
—
ns
4
tH
Hold Time
HIGH or LOW
A to CLKAB,
B to CLKBA
0
—
0
—
0
—
ns
4
tSU
Set-Up Time,
HIGH or LOW
A to LEAB,
B to LEBA
Clock
LOW
3.0
—
3.0
—
2.0
—
ns
4
Clock
HIGH
1.5
—
1.5
—
1.5
—
ns
4
tH
Hold Time, HIGH or
LOW, A to LEAB,
B to LEBA
1.5
—
1.5
—
0.5
—
ns
4
tW
LEAB or LEBA Pulse
Width HIGH[20]
3.0
—
3.0
—
3.0
—
ns
5
tW
CLKAB or CLKBA
Pulse Width HIGH or
LOW[20]
3.0
—
3.0
—
3.0
—
ns
5
tSK(O)
Output Skew[21]
—
0.5
—
0.5
—
0.5
ns
—
Notes:
18. Minimum limits are specified, but not tested, on propagation delays.
19. See “Parameter Measurement Information” in the General Information section.
20. This parameter is guaranteed but not tested.
21. Skew between any two outputs of the same package switching in the same direction. This parameter ensured by design.



Html Pages

1 2 3 4 5 6 7 8