công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY74FCT16823CTPVC bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CY74FCT16823CTPVC
Giải thích chi tiết về linh kiện  18-Bit Registers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT16823CTPVC bảng dữ liệu(HTML) 6 Page - Texas Instruments

  CY74FCT16823CTPVC Datasheet HTML 1Page - Texas Instruments CY74FCT16823CTPVC Datasheet HTML 2Page - Texas Instruments CY74FCT16823CTPVC Datasheet HTML 3Page - Texas Instruments CY74FCT16823CTPVC Datasheet HTML 4Page - Texas Instruments CY74FCT16823CTPVC Datasheet HTML 5Page - Texas Instruments CY74FCT16823CTPVC Datasheet HTML 6Page - Texas Instruments CY74FCT16823CTPVC Datasheet HTML 7Page - Texas Instruments CY74FCT16823CTPVC Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CY74FCT16823T
CY74FCT162823T
6
tSU
Set-Up Time
HIGH or LOW, D to CLK
CL=50 pF
RL=500Ω
2.0
—
1.5
—
ns
4
tH
Hold Time
HIGH or LOW, D to CLK
1.5
—
0.0
—
ns
4
tSU
Set-Up Time
HIGH or LOW, CLKEN to CLK
3.0
—
2.5
—
ns
9
tH
Hold Time HIGH or LOW
CLKEN to CLK
0.0
—
0.0
—
ns
9
tW
CLK Pulse Width
HIGH or LOW
3.3
—
3.3
—
ns
5
tW
CLR Pulse Width LOW
3.3
—
3.0
—
ns
5
tREM
Recovery Time
CLR to CLK
6.0
—
3.0
—
ns
6
tSK(O)
Output Skew[18]
—
0.5
—
0.5
ns
—
Notes:
15. Minimum limits are specified but not tested on Propagation Delays.
16. See “Parameter Measurement Information” in the General Information section.
17. These limits are specified but not tested.
18. Skew between any two outputs of the same package switching in the same direction. This parameter is ensured by design.
Switching Characteristics Over the Operating Range[15] (continued)
CY74FCT16823CT
CY74FCT162823CT
CY74FCT16823ET
CY74FCT162823ET
Parameter
Description
Condition[16]
Min.
Max.
Min.
Max.
Unit
Fig.No.[16]
Ordering Information CY74FCT16823
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
4.4
CY74FCT16823ETPACT
Z56
56-Lead (240-Mil) TSSOP
Industrial
CY74FCT16823ETPVC/PVCT
O56
56-Lead (300-Mil) SSOP
6.0
CY74FCT16823CTPACT
Z56
56-Lead (240-Mil) TSSOP
Industrial
CY74FCT16823CTPVC/PVCT
O56
56-Lead (300-Mil) SSOP
10.0
CY74FCT16823ATPACT
Z56
56-Lead (240-Mil) TSSOP
Industrial
Ordering Information CY74FCT162823
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
4.4
74FCT162823ETPACT
Z56
56-Lead (240-Mil) TSSOP
Industrial
CY74FCT162823ETPVC
O56
56-Lead (300-Mil) SSOP
74FCT162823ETPVCT
O56
56-Lead (300-Mil) SSOP
6.0
74FCT162823CTPACT
Z56
56-Lead (240-Mil) TSSOP
Industrial
CY74FCT162823CTPVC
O56
56-Lead (300-Mil) SSOP
74FCT162823CTPVCT
O56
56-Lead (300-Mil) SSOP
10.0
74FCT162823ATPACT
Z56
56-Lead (240-Mil) TSSOP
Industrial



Html Pages

1 2 3 4 5 6 7 8