| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CY74FCT240TQSOP bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CY74FCT240TQSOP bảng dữ liệu(HTML) 5 Page - Texas Instruments |
|
5 / 8 page ![]() CY54/74FCT240T CY54/74FCT244T 5 Ordering Information—FCT240T Speed (ns) Ordering Code Package Name Package Type Operating Range 4.3 CY74FCT240CTSOC/SOCT S5 20-Lead (300-Mil) Molded SOIC Commercial CY74FCT240CTQCT Q5 20-Lead (150-Mil) QSOP 4.8 CY74FCT240ATSOC/SOCT S5 20-Lead (300-Mil) Molded SOIC Commercial CY74FCT240ATQCT Q5 20-Lead (150-Mil) QSOP 5.1 CY54FCT240ATDMB D6 20-Lead (300-Mil) CerDIP Military CY54FCT240ATLMB L61 20-Pin Square Leadless Chip Carrier 8.0 CY74FCT240TSOC/SOCT S5 20-Lead (300-Mil) Molded SOIC Commercial CY74FCT240TQCT Q5 20-Lead (150-Mil) QSOP 9.0 CY54FCT240TDMB D6 20-Lead (300-Mil) CerDIP Military Ordering Information—FCT244T Speed (ns) Ordering Code Package Name Package Type Operating Range 3.6 CY74FCT244DTQCT Q5 20-Lead (150-Mil) QSOP Commercial CY74FCT244DTSOC/SOCT S5 20-Lead (300-Mil) Molded SOIC 4.1 CY74FCT244CTSOC/SOCT S5 20-Lead (300-Mil) Molded SOIC Commercial CY74FCT244CTQCT Q5 20-Lead (150-Mil) QSOP 4.6 CY54FCT244CTDMB D6 20-Lead (300-Mil) CerDIP Military 4.6 CY74FCT244ATPC P5 20-Lead (300-Mil) Molded DIP Commercial CY74FCT244ATSOC/SOCT S5 20-Lead (300-Mil) Molded SOIC CY74FCT244ATQCT Q5 20-Lead (150-Mil) QSOP 5.1 CY54FCT244ATDMB D6 20-Lead (300-Mil) CerDIP Military CY54FCT244ATLMB L61 20-Pin Square Leadless Chip Carrier 6.5 CY74FCT244TSOC/SOCT S5 20-Lead (300-Mil) Molded SOIC Commercial CY74FCT244TQCT Q5 20-Lead (150-Mil) QSOP 7.0 CY54FCT244TDMB D6 20-Lead (300-Mil) CerDIP Military CY54FCT244TLMB L61 20-Pin Square Leadless Chip Carrier Shaded areas contain preliminary information. Document #: 38-00259-B |