| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CY74FCT240T bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CY74FCT240T bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 8 page ![]() CY54/74FCT240T CY54/74FCT244T 4 Switching Characteristics Over the Operating Range Parameter Description FCT240T FCT240AT Unit Fig. No.[13] Military Commercial Military Commercial Min.[12] Max. Min.[12] Max. Min.[12] Max. Min.[12] Max. tPLH tPHL Propagation Delay Data to Input 1.5 9.0 1.5 8.0 1.5 5.1 1.5 4.8 ns 1, 2 tPZH tPZL Output Enable Time 1.5 10.5 1.5 10.0 1.5 6.5 1.5 6.2 ns 1, 7, 8 tPHZ tPLZ Output Disable Time 1.5 10.0 1.5 9.5 1.5 5.9 1.5 5.6 ns 1, 7, 8 Parameter Description FCT240CT Unit Fig. No.[13] Military Commercial Min.[12] Max. Min.[12] Max. tPLH tPHL Propagation Delay Data to Input 1.5 4.7 1.5 4.3 ns 1, 2 tPZH tPZL Output Enable Time 1.5 5.7 1.5 5.0 ns 1, 7, 8 tPHZ tPLZ Output Disable Time 1.5 4.6 1.5 4.5 ns 1, 7, 8 Parameter Description FCT244T FCT244AT Unit Fig. No.[13] Military Commercial Military Commercial Min.[12] Max. Min.[12] Max. Min.[12] Max. Min.[12] Max. tPLH tPHL Propagation Delay Data to Input 1.5 7.0 1.5 6.5 1.5 5.1 1.5 4.6 ns 1, 3 tPZH tPZL Output Enable Time 1.5 8.5 1.5 8.0 1.5 6.5 1.5 6.2 ns 1, 7, 8 tPHZ tPLZ Output Disable Time 1.5 7.5 1.5 7.0 1.5 5.9 1.5 5.6 ns 1, 7, 8 Parameter Description FCT244CT FCT244DT Unit Fig. No.[13] Military Commercial Commercial Min.[12] Max. Min.[12] Max. Min.[12] Max. tPLH tPHL Propagation Delay Data to Input 1.5 4.6 1.5 4.1 1.5 3.6 ns 1, 3 tPZH tPZL Output Enable Time 1.5 6.5 1.5 5.8 1.5 4.8 ns 1, 7, 8 tPHZ tPLZ Output Disable Time 1.5 5.7 1.5 5.2 1.5 4.0 ns 1, 7, 8 Notes: 12. Minimum limits are specified but not tested on Propagation Delays. 13. See “Parameter Measurement Information” in the General Information section. |