| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDC536DB bảng dữ liệu(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CDC536DB bảng dữ liệu(HTML) 10 Page - Texas Instruments |
|
10 / 12 page ![]() CDC536 3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS SCAS378F – APRIL 1994 – REVISED OCTOBER 1998 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 MECHANICAL INFORMATION DB (R-PDSO-G**) PLASTIC SMALL-OUTLINE PACKAGE 4040065 / C 10/95 28 PIN SHOWN Gage Plane 8,20 7,40 0,15 NOM 0,63 1,03 0,25 38 12,90 12,30 28 10,50 24 8,50 Seating Plane 9,90 7,90 30 10,50 9,90 0,38 5,60 5,00 15 0,22 14 A 28 1 20 16 6,50 6,50 14 0,05 MIN 5,90 5,90 DIM A MAX A MIN PINS ** 2,00 MAX 6,90 7,50 0,65 M 0,15 0 °–8° 0,10 3,30 8 2,70 NOTES: A. All linear dimensions are in millimeters. B. This drawing is subject to change without notice. C. Body dimensions do not include mold flash or protrusion not to exceed 0,15. D. Falls within JEDEC MO-150 |