| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMFL2805S/HO bảng dữ liệu(PDF) 13 Page - Crane Aerospace & Electronics. |
|
|
|||||||||||||||||||||||||||||
SMFL2805S/HO bảng dữ liệu(HTML) 13 Page - Crane Aerospace & Electronics. |
|
13 / 13 page ![]() Class H and K, QMl sCreening: radiation Notes: 1. Our EMI filters are designed exclusively with passive components providing maximum tolerance for space environment requirements 2. Interpoint model numbers use an “O” in the RHA designator position to indicate the “-” (dash) Radiation Hardness Assurance level of MIL-PRF-38534, which is defined as “no RHA” 3. Non-QML products do not meet all of the requirements of MIL-PRF-38534 4. Redmond site, Interpoint, has a DSCC approved radiation plan. Our SMD products with RHA level “R” code meet DSCC requirements product LeVeL aVaiLabiLity enVironMentaL screeninG LeVeLs space radiation Hardness prototype o2 cLass H cLass K assurance LeVeLs non-QML3 QML QML o: Standard, no radiation guarantee2 OO HO Not available r: Radiation hardened – Tested lots Not Up to 100 K Rads (Si) total dose available HR4 KR4 SEU guarantee up to 40 MeV Crane Aerospace & Electronics Power Solutions SMFL Single and Dual, Rev H - 20061102. This revision supercedes all previous releases. All technical information is believed to be accurate, but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make changes in products or specifications without notice. SMFL Series is a trademark of Interpoint. Copyright © 1999 - 2006 Interpoint Corporation. All rights reserved. www.craneae.com Page 13 of 13 sMFL single and dual dc/dc converters 28 VoLt input – 65 Watt |