| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLH2805S/KR bảng dữ liệu(PDF) 4 Page - Crane Aerospace & Electronics. |
|
|
|||||||||||||||||||||||||||||
SLH2805S/KR bảng dữ liệu(HTML) 4 Page - Crane Aerospace & Electronics. |
|
4 / 10 page ![]() SLH 28 12 D / K R Base Model Input Voltage Output Voltage Screening Radiation Hardness Assurance (RHA) Number of Outputs (S = single, D = dual) ModeL nuMbering Key The SMD number shown is for Class K screening and Radiation Hardness Assurance (RHA) level R. See the SMD for the numbers for other screening and radiation levels. For exact specifications for an SMD product, refer to the SMD drawing. Call your Interpoint representative for status on the SMTR SMD releases which are “in process.” SMDs can be downloaded from: http://www.dscc.dla.mil/programs/smcr sMd nuMbers StanDarD MiCrOCirCuit Drawing (SMD) SLH SiMiLar part 5962R0052601KXC SLH2805S/KR 5962R0052701KXC SLH2812S/KR 5962R0052801KXC SLH2815S/KR 5962R0250401KXC SLH2805D/KR 5962R9955601KXC SLH2812D/KR 5962R9852901KXC SLH2815D/KR ModeL seLection enter One SeLeCtiOn FrOM eaCH CategOry SLH28 / BASE MODEL VOUT VALUE nUMBER OF OUTPUTS 1 CASE OPTIOn2 SCREEnIng 3 RHA 4 5 s nO CASE OPTIOnS FOR SLH o o 12 d H r 15 K notes: 1. S is a single output and D is a dual output 2. There are not case options for the SLH. Only the standard case is available. 3. A screening level of O is a Space Prototype and is only used with RHA O. 4. Interpoint model numbers use an “O” in the RHA designator position to indicate the “-” (dash) Radiation Hardness Assurance level of MIL-PRF-38534, which is defined as “no RHA. RHA O is only available with Screening level O. For more information see page 10. Crane Aerospace & Electronics Power Solutions sLH single and dual dc/dc converters 28 VoLt input – 1.5 Watt – pending reVision c reLease Page 4 of 10 www.interpoint.com Rev C - 20090318 - Pending Revision C Release |