công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HUM-40FES bảng dữ liệu(PDF) 2 Page - Crane Aerospace & Electronics.

tên linh kiện HUM-40FES
Giải thích chi tiết về linh kiện  HOLD UP MODULE 28 VOLT INPUT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CRANE [Crane Aerospace & Electronics.]
Trang chủ  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

HUM-40FES bảng dữ liệu(HTML) 2 Page - Crane Aerospace & Electronics.

  HUM-40FES Datasheet HTML 1Page - Crane Aerospace & Electronics. HUM-40FES Datasheet HTML 2Page - Crane Aerospace & Electronics. HUM-40FES Datasheet HTML 3Page - Crane Aerospace & Electronics. HUM-40FES Datasheet HTML 4Page - Crane Aerospace & Electronics. HUM-40FES Datasheet HTML 5Page - Crane Aerospace & Electronics. HUM-40FES Datasheet HTML 6Page - Crane Aerospace & Electronics. HUM-40FES Datasheet HTML 7Page - Crane Aerospace & Electronics. HUM-40FES Datasheet HTML 8Page - Crane Aerospace & Electronics. HUM-40FES Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SYNC AND INHIBIT
RECOMMENDED OPERATING CONDITIONS
®
2
HOLD UP MODULE
ABSOLUTE MAXIMUM RATINGS
Input Voltage Range
• 12 to 40 VDC continuous
Case Operating Temperature (Tc)
• –55 to +125°C full power
Output Power
• HUM-40
40 watts
* HUM-70
70 watts
Input Voltage Range
• 12 to 50 continuous
• 80 V for up to 50 ms
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –65°C to +135°C
Sync (HUM-70 only)
• Range 525 min to 625 max kHz
• Duty cycle 40% min to 60% max
• Logic low 0.8V, max
• Logic high 4.5 V, min
• Referenced to input common
• If sync is not used, leave unconnected
Inhibit TTL Open Collector
• Logic low (output disabled)
Logic low voltage 0.8 V max
Inhibit pin current 15 mA
• Referenced to input common
• Logic high (output enabled)
Open circuit voltage 10 V typical
HUM-40
HUM-70
PARAMETER
CONDITION
MIN
MAX
MIN
MAX
UNITS
OUTPUT VOLTAGE
CEXT TERMINAL
39
40
39
40
VDC
OUTPUT POWER
CONTINUOUS
—
40
—
70
W
PEAK, 2 SEC
—
60
—
100
INPUT VOLTAGE
CONTINUOUS
12
50
12
50
VDC
TRANSIENT 50 ms
—
80
—
80
V
INPUT RIPPLE CURRENT
2 MHz Bandwidth
—
100
—
100
mA p-p
VIN = 28V, VCS OPEN
—
90
—
90
mA
INPUT CURRENT
VIN = 28V, INHIBITED
—
10
—
10
VIN = 12V, FULL LOAD
—
4.6
—
8.6
A
VIN = 40V, FULL LOAD
92
—
92
—
EFFICIENCY
VIN = 22V, FULL LOAD
87
—
87
—
%
VIN = 12V, FULL LOAD
80
—
80
—
HOLD-UP TIME
FULL LOAD
15
—
8.6
—
µs/µF
POWER FAIL
HIGH, OPEN CIRCUIT
14.0
14.5
14.0
14.5
VDC
FLAG THRESHOLD
LOW, SHORT RETURN
11.5
12.0
11.5
12.0
CAPACITOR VOLTAGE
OPEN
22
24
22
24
VDC
CONTROLLED SWITCH
CLOSED
18
19
18
19
CAP CHARGED
HIGH, OPEN CIRCUIT
34
36
34
36
VDC
FLAG THRESHOLD
LOW, SHORT RETURN
19.5
20.5
19.5
20.5
Notes
1. Full load for specifications is 40 W for HUM-40 and 70 W for HUM-70.
HUMMER SERIES
40 OR 70 WATTS
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com