công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ED-DP bảng dữ liệu(PDF) 1 Page - Systemsensor advanced ideas.

tên linh kiện ED-DP
Giải thích chi tiết về linh kiện  Intelligent Photoelectric Smoke Detectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SYSTEMSENSOR [Systemsensor advanced ideas.]
Trang chủ  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

ED-DP bảng dữ liệu(HTML) 1 Page - Systemsensor advanced ideas.

  ED-DP Datasheet HTML 1Page - Systemsensor advanced ideas. ED-DP Datasheet HTML 2Page - Systemsensor advanced ideas. ED-DP Datasheet HTML 3Page - Systemsensor advanced ideas. ED-DP Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D800-02-00
1
I56-2026-02R
ED-P, ED-PT, and ED-DP
Intelligent Photoelectric Smoke Detectors
INSTALLATION AND MAINTENANCE INSTRUCTIONS
3825OhioAvenue,St.Charles,Illinois60174
1-800-SENSOR2,FAX:630-377-6495
www.systemsensor.com
Before Installing
Thisdetectormustbeinstalledincompliancewiththecon-
trolpanelsysteminstallationmanual.Theinstallationmust
meettherequirementsoftheAuthorityHavingJurisdiction
(AHJ). Detectors offer maximum performance when
installed in compliance with the National Fire Protection
Association(NFPA);seeNFPA72.
General Description
ModelsED-P,ED-PTandED-DPareintelligentphotoelec-
tric,spot-typesmokedetectorsutilizingsensingchambers
that are designed to respond rapidly to a broad range of
fires.Thesensingchamberemploysfeaturesthatminimize
the effects of settled dust on performance. Model ED-PT
uses a thermistor based, 135°F heat detection circuit in
addition to the photoelectric sensing chamber. ED-DP is
designedforuseinsidetheED-DPRducthousingonly.ED-
DPshouldnotbeusedinopenareaapplications.
The detector is designed with tri-color LEDs to indicate
detectorstatus.Thedetectorcanbeprogrammedtomake
theLEDsblinkorbesteadygreen,amberorred.Thedetec-
torremoteoutputcanbeconfiguredtofollowtheLEDor
beindependentlycontrolled.AremoteLEDannunciatoris
availableasanaccessory(RA400Z).
The ED-P, ED-PT and ED-DP require compatible address-
able communications to function properly. Connect these
detectors to listed-compatible control panels only.
Spacing
System Sensor recommends spacing detectors in compli-
ance with NFPA 72. In low air flow applications with
smooth ceilings, the detectors should be spaced 30 feet
Specifications
NormalOperatingVoltage:
15to30VDC
StandbyCurrent:
481µAmax.@24VDC(continuousbroadcasts)
AlarmCurrent:
2mAmax.@24VDC(LEDson)
HumidityRange:
10%to93%RelativeHumidity,noncondensing
TemperatureRange:
32°Fto120°F(0°Cto49°C);ED-P,ED-DP
32°Fto100°F(0°Cto38°C);ED-PT
HeatDetector:
135°FFixedTemperatureElectronicThermistor
Height:
2.1inches(51mm)installedinEBFBase
Diameter:
6.1inches(155mm)installedinEBFBase
4.1inches(104mm)installedinEBBase
Weight:
5.2oz.(147g)
apart.Forspecificinformationregardingdetectorspacing,
placement, and special applications, refer to NFPA 72 or
the System Smoke Detector Applications Guide, available
fromSystemSensor.
Duct Applications: ED-P and ED-PT are listed for use in
ducts.SeeDuctApplicationsGuideA05-1004-XXfordetails
onpendantmountapplications.
Wiring Guide
All wiring must be installed in compliance with the
National Electrical Code, applicable local codes, and any
special requirements of the Authority Having Jurisdiction
(AHJ).Properwiregaugesshouldbeused.Theinstallation
wiresshouldbecolor-codedtolimitwiringmistakesand
simplifysystemtroubleshooting.Improperconnectionswill
preventasystemfromrespondingproperlyintheeventof
afire.
1.Wirethedetectorbase(suppliedseparately)perthewir-
ingdiagram,seeFigure1.
2.Install the detector into the base. Push the detector
intothebasewhileturningitclockwisetosecureitin
place.
3.SetthedesiredaddressusingtheIRconfigurationtool
(modelno.EA–CT).
Note:MaximumrangefortheEA–CTis30ft.(9m).
4.Testthedetector(s)asdescribedintheTESTINGsection
ofthismanual.


Số phần tương tự - ED-DP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Systemsensor advanced i...
ED-DP SYSTEMSENSOR-ED-DP Datasheet
266Kb / 4P
Intelligent Duct Smoke Detectors
ED-DPI SYSTEMSENSOR-ED-DPI Datasheet
266Kb / 4P
Intelligent Duct Smoke Detectors
ED-DPR SYSTEMSENSOR-ED-DPR Datasheet
266Kb / 4P
Intelligent Duct Smoke Detectors
More results

Mô tả tương tự - ED-DP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Systemsensor advanced i...
2W-B SYSTEMSENSOR-2W-B Datasheet
221Kb / 2P
Photoelectric Smoke Detectors
DH200PL SYSTEMSENSOR-DH200PL Datasheet
404Kb / 4P
Intelligent Low-Flow Duct Smoke Detectors
ED-DPR SYSTEMSENSOR-ED-DPR Datasheet
266Kb / 4P
Intelligent Duct Smoke Detectors
FTX-P1 SYSTEMSENSOR-FTX-P1 Datasheet
79Kb / 2P
Intelligent Photoelectric Smoke Detector
1800 SYSTEMSENSOR-1800 Datasheet
566Kb / 2P
SMOKE DETECTORS
1806 SYSTEMSENSOR-1806 Datasheet
523Kb / 2P
SMOKE DETECTORS
1851B SYSTEMSENSOR-1851B Datasheet
481Kb / 2P
SMOKE DETECTORS
2100S SYSTEMSENSOR-2100S Datasheet
77Kb / 4P
Smoke Detectors
2112 SYSTEMSENSOR-2112 Datasheet
85Kb / 4P
Photoelectronic Smoke Detectors
logo
Gamewell-FCI by Honeywe...
SS-PD GAMEWELL-FCI-SS-PD Datasheet
225Kb / 4P
Intelligent Low-Flow Photoelectric Duct Smoke Detectors
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com