| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MOR283R3SW/ES bảng dữ liệu(PDF) 3 Page - Crane Aerospace & Electronics. |
|
|
|||||||||||||||||||||||||||||
MOR283R3SW/ES bảng dữ liệu(HTML) 3 Page - Crane Aerospace & Electronics. |
|
3 / 21 page ![]() MOR Single and Dual DC/DC Converters Crane Aerospace & Electronics Power Solutions Page 3 of 21 Rev G - 20060418 www.craneae.com 28 VOLT INPUT – 120 WATT Pin Single Output Dual Output 1 Positive Input Positive Input 2 Input Common Input Common 3 Trim Case 4 Inhibit 1 (INH1) Inhibit 1 (INH1) 5 Sync Out Sync Out 6 Sync In Sync In 7 Positive Output Positive Output 8 Output Common Output Common 9 Sense Return Negative Output 10 Positive Sense Trim 11 Share Share 12 Inhibit 2 (INH2) Inhibit 2 (INH2) 1 2 3 4 5 6 12 11 10 9 8 7 Angled corner and cover marking indicate pin one for cases U and V. Cover marking indicates pin one for cases W, Y, and Z. TOP VIEW MOR (Pin side, marked side) Outline shown is case U, pin out is the same for all cases. Available in a variety of packages. See cases U, V, W, Y and Z for dimensions. FIGURE 2: PIN OUT TOP VIEW PIN OUT PINS NOT IN USE Trim Leave unconnected Case User’s discretion Inhibit (INH1, INH2) Leave unconnected Sync Out Leave unconnected Sync In Connect to input common Share Leave unconnected Sense Lines Must be connected to appropriate outputs |