| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MHP27015SF/ES bảng dữ liệu(PDF) 3 Page - Crane Aerospace & Electronics. |
|
|
|||||||||||||||||||||||||||||
MHP27015SF/ES bảng dữ liệu(HTML) 3 Page - Crane Aerospace & Electronics. |
|
3 / 10 page ![]() Angled corner indicates pin one. 1 2 3 4 5 6 12 11 10 9 8 7 TOP VIEW MHP (Pin side, marked side) See case U for dimensions. Figure 2: pin Out pin out Pin Single output Dual output 1 Positive Input Positive Input 2 Input Common Input Common 3 Inhibit 2 (INH2) Inhibit 2 (INH2) 4 Inhibit 1 (INH1) Inhibit 1 (INH1) 5 Sync out Sync out 6 Sync In Sync In 7 Positive output Positive output 8 output Common output Common 9 Sense Return Negative output 10 Positive Sense No connection 11 No connection No connection 12 Share Share pins not in use inhibit (inH1, inH2) Leave unconnected sync out Leave unconnected sync in Connect to input common share Leave unconnected sense lines Must be connected to appropriate outputs Crane Aerospace & Electronics Power Solutions MHp270 single and dual dc/dc converters 270 Volt input – 65 Watt www.interpoint.com Page 3 of 10 Rev F - 20090304 |