| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCH2805S/883 bảng dữ liệu(PDF) 17 Page - Crane Aerospace & Electronics. |
|
|
|||||||||||||||||||||||||||||
MCH2805S/883 bảng dữ liệu(HTML) 17 Page - Crane Aerospace & Electronics. |
|
17 / 18 page ![]() MCH/MGH Single and Dual DC/DC Converters Crane Aerospace & Electronics Power Solutions Page 17 of 18 Rev E - 20060508 www.craneae.com 28 VOLT INPUT – 1.5 WATT 883, CLASS H, QML PRODUCTS – ELEMENT EVALUATION Definitions: Element Evaluation: Component testing/screening per MIL-STD-883 as determined by MIL-PRF-38534 SLAM™: Scanning Laser Acoustic Microscopy C-SAM: C - Mode Scanning Acoustic Microscopy Notes: 1. Non-QML products do no meet all of the requirements of MIL-PRF-38534 2. M/S = Active components (Microcircuit and Semiconductor Die) 3. P = Passive components 4. Not applicable to EMI filters that have no wire bonds ELEMENT EVALUATION STANDARD CLASS H, TEST PERFORMED (NON-QML) 1 QML (COMPONENT LEVEL)M/S 2 P 3 M/S 2 P 3 Element Electrical (probe) yes no yes yes Element Visual no no yes yes Internal Visual no no yes no Final Electrical no no yes yes Wire Bond Evaluation 4 no no yes yes SLAM™/C-SAM: Input Capacitors only no no no yes (Add’l test, not req. by H or K) |