công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FMH-461F/883 bảng dữ liệu(PDF) 1 Page - Crane Aerospace & Electronics.

tên linh kiện FMH-461F/883
Giải thích chi tiết về linh kiện  EMI INPUT FILTER 28 VOLT INPUT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CRANE [Crane Aerospace & Electronics.]
Trang chủ  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

FMH-461F/883 bảng dữ liệu(HTML) 1 Page - Crane Aerospace & Electronics.

  FMH-461F/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. FMH-461F/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. FMH-461F/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. FMH-461F/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. FMH-461F/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. FMH-461F/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. FMH-461F/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. FMH-461F/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. FMH-461F/883 Datasheet HTML 9Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
B3-17
DESCRIPTION
Interpoint specifically designed the FMH-461™ EMI filter to reduce
the input line reflected ripple current of the following high frequency
DC/DC converters: MHD, MHF, MHF+, MHV, MSA1, and MTR
series converters. It will also reduce EMI for several of Interpoint’s
lower frequency converters: MHE/MLP, MHL, MTO, and MTW
series. The FMH-461 filter is ideal for use in applications which must
meet MIL-STD-461C levels of conducted and radiated emissions.
Throughput current is 1.5 amps. At 16 VDC input (low line), the filter
provides 24 watts of throughput power.
MIL-STD NOISE MANAGEMENT
When used in conjunction with Interpoint converters, the FMH-461
EMI filter reduces input ripple current by 35 dB or greater at 200 kHz
and by at least 50 dB at 500 kHz (see Figures 5 and 6 and electrical
characteristics table). This attenuation gives the converter/filter
combination performance which exceeds MIL-STD-461C’s CE03
test.
FILTER OPERATION
FMH-461 filters are rated for full power operation from –55°C to
+125°C baseplate temperature. Operation is offered up to the
absolute maximum of +135°C with derating as defined in
“Recommended Operating Conditions” on the following page. The
maximum DC insertion loss at full load and nominal input voltage
(28 VDC) represents a power loss of less than 2%.
LAYOUT REQUIREMENTS
The case of the filter must be connected to the case of the converter
through a low impedance connection to minimize EMI.
1. MSA models may require an inductor in series with the MSA’s positive input.
2 µH is the suggested value.
EMI INPUT FILTER
28 VOLT INPUT
FMH EMI FILTER
1.5 AMP
FEATURES
• –55°C to +125°C operation
• 50 dB minimum attenuation
at 500 kHz
• Compliant to MIL-STD-461C, CE03
• Compatible with MIL-STD-704E
DC power bus
Size (max.): Non-flanged, case E3
1.460 x 1.130 x 0.330 (37.08 x 28.70 x 8.38 mm)
Flanged, case G3
2.005 x 1.130 x 0.330 inches (50.93 x 28.70 x 8.38 mm)
See Section B8, cases E3 and G3, for dimensions.
Weight:
22 grams typical, 28 grams maximum
Screening:
Standard, ES, or 883 (Class H). See Section C2 for screening
options, see Section A5 for ordering information.
MODEL
FMH-461
1.5 amp


Số phần tương tự - FMH-461F/883

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Interpoint Corporation ...
FMH-461F/883 INTERPOINT-FMH-461F/883 Datasheet
311Kb / 9P
EMI INPUT FILTER 28 VOLT INPUT
More results

Mô tả tương tự - FMH-461F/883

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Interpoint Corporation ...
FMC-461 INTERPOINT-FMC-461 Datasheet
121Kb / 8P
EMI INPUT FILTER 28 VOLT INPUT
FMGA-461 INTERPOINT-FMGA-461 Datasheet
185Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT SURFACE MOUNT
FMH-461 INTERPOINT-FMH-461 Datasheet
311Kb / 9P
EMI INPUT FILTER 28 VOLT INPUT
FMSA-461 INTERPOINT-FMSA-461 Datasheet
387Kb / 7P
EMI INPUT FILTER 28 VOLT INPUT
MSF-461 INTERPOINT-MSF-461 Datasheet
344Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT
STF28-461 INTERPOINT-STF28-461 Datasheet
60Kb / 4P
EMI INPUT FILTER 28 VOLT INPUT
logo
Crane Aerospace & Elect...
FMC-461 CRANE-FMC-461 Datasheet
122Kb / 8P
EMI INPUT FILTER 28 VOLT INPUT
FMGA-461 CRANE-FMGA-461 Datasheet
186Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT SURFACE MOUNT
FMSA-461 CRANE-FMSA-461 Datasheet
233Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT
SFME28-461 CRANE-SFME28-461 Datasheet
66Kb / 5P
EMI INPUT FILTER 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com