công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FMGA-461/883 bảng dữ liệu(PDF) 3 Page - Crane Aerospace & Electronics.

tên linh kiện FMGA-461/883
Giải thích chi tiết về linh kiện  EMI INPUT FILTER 28 VOLT INPUT SURFACE MOUNT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CRANE [Crane Aerospace & Electronics.]
Trang chủ  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

FMGA-461/883 bảng dữ liệu(HTML) 3 Page - Crane Aerospace & Electronics.

  FMGA-461/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. FMGA-461/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. FMGA-461/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. FMGA-461/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. FMGA-461/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. FMGA-461/883 Datasheet HTML 6Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL NUMBERING KEY
PIN OUT
TOP VIEW
FMGA
Differently colored glass bead around pin one or dimple in
header (bottom of case) indicates pin one.
Cover marking is oriented with pin one at the upper right corner.
1
2
3
4
5
6
8
9
7
18
17
16
15
14
13
12
11
10
FMGA - 461
Z
/
ES
Base Model
MIL-STD-461 Reference
Screening
(Standard screening has no designator
in this position.)
Gull Wing Lead Option
(Straight leaded filter has no designator
in this position.)
B3-23
EMI INPUT FILTERS
See Section B8, case B, for dimensions and “gull-wing” lead option.
FIGURE 3: PIN OUT
DSCC NUMBER
DSCC DRAWING
(5915)
IN PROCESS
FMGA
-461 FILTER
SIMILAR PART
FMGA-461/883
For exact specifications for a DSCC product, refer to the
DSCC drawing. Call you Interpoint representative for status
on the FMGA DSCC models.See Section A3, “SMD/DSCC
Lists”, for more information.
FMGA EMI FILTER
0.8 AMP
Pin
Description
1, 2
Positive Input
3, 4
No Connection
5, 6
Case Ground
7, 8, 9
Positive Output
10, 11, 12
Output Common
13, 14
Case Ground
15, 16
No Connection
17, 18
Input Common
To meet specified performance, all pins
must
be
connected
except
“No
Connection” pins.
RL
Positive
Output
FMGA-461
Positive
Input
Input
Common
Case
Ground
Output
Common
C
R
DC/DC Converter
Input
Common
Case
Ground
Output
Common
RL
Multiple units
allowed up to
rated output current.
The RC output is an optional
damping circuit. It is recommended in
applications where 80 volt line
transients may occur with rise times
<200 s. See text page one
"Connection and Operation."
C = 10 F, 100V –
C = Sprague 109D106X9100C2
R = 2.2
, 5%, 1/4 W, Carbon comp.
Positive
Input
Positive
Output
FIGURE 2: DAMPING CIRCUIT



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com