công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC2415W bảng dữ liệu(PDF) 2 Page - Systemsensor advanced ideas.

tên linh kiện PC2415W
Giải thích chi tiết về linh kiện  Strobes and Horn Strobes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SYSTEMSENSOR [Systemsensor advanced ideas.]
Trang chủ  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

PC2415W bảng dữ liệu(HTML) 2 Page - Systemsensor advanced ideas.

  PC2415W Datasheet HTML 1Page - Systemsensor advanced ideas. PC2415W Datasheet HTML 2Page - Systemsensor advanced ideas. PC2415W Datasheet HTML 3Page - Systemsensor advanced ideas. PC2415W Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
General Specifications
Dimensions
6.8˝diameter
Mounting
4˝×4˝×11/2˝backboxor
4˝×4˝×21/8˝backbox(withskirt)
IndoorOperatingTemperature
32°to120°F(0°to49°C)
Weight
5.3oz.(150grams)
SpectrAlert Mounting Diagrams
Strobe or Horn/Strobe with Mounting Plate
Strobe or Horn/Strobe with Accessory Back Box Skirt
Engineering Specifications
Strobe
Strobe shall be a System Sensor SpectrAlert Model _________ listed to UL 1971 and be approved for fire protective ser-
vice where ceiling mount strobes are permitted. The strobe shall be wired as a primary signaling notification appliance
and shall flash at 1Hz over the strobe’s entire operating range. The strobe light shall consist of a xenon flash tube and
associated lens/reflector system.
Horn/Strobe Combination
Horn/strobe shall be a System Sensor SpectrAlert Model _________ listed to UL 1971 and UL 464 and be approved
for fire protective service where ceiling mount horn/strobes are permitted. The horn/strobe shall be wired as a primary
signaling notification appliance and shall flash at 1Hz over its entire operating range. The strobe light shall consist of a
xenon flash tube and associated lens/reflector system. The horn shall have two tone options, two audibility options, and
the option to switch between a temporal and a non-temporal continuous pattern. These options shall be selected by a
multi-position switch. Strobes shall be powered independently of the sounder with the removal of factory installed jump-
er wires. The horn on horn/strobe models shall operate on a coded or non-coded power supply.
Note: The strobes must be powered continuously for the horn to operate.
BBSCW
4×4×21/8˝



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com