công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SP2C2415 bảng dữ liệu(PDF) 2 Page - Systemsensor advanced ideas.

tên linh kiện SP2C2415
Giải thích chi tiết về linh kiện  Ceiling Mount Speaker Strobes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SYSTEMSENSOR [Systemsensor advanced ideas.]
Trang chủ  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SP2C2415 bảng dữ liệu(HTML) 2 Page - Systemsensor advanced ideas.

  SP2C2415 Datasheet HTML 1Page - Systemsensor advanced ideas. SP2C2415 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2005 System Sensor. The company reserves the right to change product specifications without notice.
A05-1024-006•2/05•#1325
General Specifications
Dimensions
6.8˝ diameter
Mounting
4˝×4˝×2 1/8˝ back box
Back Box Skirt
7.46˝ diameter; 2.42˝ height
Indoor Operating Temperature
32°F to 120° F (0°C to 49°C)
U.S. Patent Nos.
6,049,446
6,057,778
D424,465
Ordering Information/Current Draw
Description
Model No. (White)
Candela
FWR Max. Operating Current – Strobe
(mA RMS)
DC Max. Operating Current – Strobe
(mA RMS)
Ceiling Speaker/Strobes
SP2C2415
15
68
64
SP2C241575
15/75
77
78
SP2C2430
30
107
113
SP2C2475
75
197
205
SP2C2495
95
239
274
SP2C24115
115
298
325
SP2C24177
177
399
489
Surface-mount back box skirt
BBSCW
Sync•Circuit™ Module
MDLW
Voltage
Average Current (mA)
Peak Current (mA)
In-rush Current (mA)
DC
FWR
DC
FWR
DC
FWR
12
10
12
30
31
87
122
24
12
15
35
37
198
262
SpectrAlert Mounting Diagrams
Speaker/Strobe
Standard Installation
Speaker/Strobe with
Accessory Back Box Skirt
Speaker Specifications
Input Voltage
25.0 or 70.7 Vrms (nominal)
Input Terminals
12 to 18 AWG
Sound Output (UL Reverberant dBA @ 10 ft.)*
2 watts
1 watt
1
⁄ 2 watt
1
⁄ 4 watt
84
81
78
75
Frequency Range
400–4000 Hz
The SP2C Series is UL listed from 400 to 4000Hz
but will provide an output from 100 to 10,000Hz.
Power Taps
1
⁄ 4, 1⁄ 2, 1 and 2 watts
Strobe Specifications
Strobe Operating Voltage
24 VDC and FWR unfiltered
Input Terminals
12 to 18 AWG
Operating Voltage Range
24 V, 16-33 V
Note: 177cd model tested at 20–33 V FWR
and 16–33 VDC
Operating Voltage Range w/Sync•Circuit™ Module
24 V, 17–33 V
Note: 177cd model tested at 21–33 V FWR
and 17–33 VDC
A0309-01
A0161-01
*Assumes flush mount installation
System Sensor Sales and Service
System Sensor Headquarters
3825 Ohio Avenue
St. Charles, IL 60174
Ph: 800/SENSOR2
Fx: 630/377-6495
www.systemsensor.com
System Sensor Canada
Ph: 905.812.0767
Fx: 905.812.0771
System Sensor Europe
Ph: 44.1403.891920
Fx: 44.1403.891921
System Sensor in China
Ph: 86.29.8832.0119
Fx: 86.29.8832.5119
System Sensor in Singapore
Ph: 65.6273.2230
Fx: 65.6273.2610
System Sensor – Far East
Ph: 85.22.191.9003
Fx: 85.22.736.6580
System Sensor – Australia
Ph: 613.54.281.142
Fx: 613.54.281.172
System Sensor – India
Ph: 91.124.237.1770 x.2700
Fx: 91.124.237.3118
System Sensor – Russia
Ph: 70.95.937.7982
Fx: 70.95.937.7983



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com