công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

900BT/900L8B bảng dữ liệu(PDF) 5 Page - Frequency Devices, Inc.

tên linh kiện 900BT/900L8B
Giải thích chi tiết về linh kiện  Tunable Active Filter Instrument
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREQUENCYDEVICES [Frequency Devices, Inc.]
Trang chủ  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

900BT/900L8B bảng dữ liệu(HTML) 5 Page - Frequency Devices, Inc.

  900BT/900L8B Datasheet HTML 1Page - Frequency Devices, Inc. 900BT/900L8B Datasheet HTML 2Page - Frequency Devices, Inc. 900BT/900L8B Datasheet HTML 3Page - Frequency Devices, Inc. 900BT/900L8B Datasheet HTML 4Page - Frequency Devices, Inc. 900BT/900L8B Datasheet HTML 5Page - Frequency Devices, Inc. 900BT/900L8B Datasheet HTML 6Page - Frequency Devices, Inc. 900BT/900L8B Datasheet HTML 7Page - Frequency Devices, Inc. 900BT/900L8B Datasheet HTML 8Page - Frequency Devices, Inc. 900BT/900L8B Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Models 900CT & 900BT
Model 900 Series
Single Channel –
Certified
Rear Panel Description
5
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Location of Rear Panel Terminals, Controls and Labels
WARNING: Do not remove covers, no user serviceable parts inside
.
Contact : Frequency Devices for service, tech@freqdev.com
Feb. 03
SN: 00101
900CT-9L8B
SELECT
115v
230v
FUSE
(250v 1.0A)
(250v 0.5A)
NOM. FREQ.
60 Hz
50 Hz
MADE IN U.S.A.
Model
900CT
WARNING: Do not remove covers, no user serviceable parts inside.
Contact : Frequency Devices for service, tech@freqdev.com
Feb. 03
SN: 00102
900BT-9L8B
SELECT
115v
230v
FUSE
(250v 1.0A)
(250v 0.5A)
NOM. FREQ.
60 Hz
50 Hz
MADE IN U.S.A.
N. IDENTIFICATION LABEL:
This label
identifies the Model number, filter type,
serial
number,
date
of
manufacture,
operating
power
limits
and
fuse
requirements of the instrument.
O. AC POWER CONNECTION:
Denotes
plug and fuse location.
P. POWER ON/OFF Switch:
Is a two-
position toggle switch on the back panel
that
interrupts/completes
the
power
circuit.
Q. VOLTAGE Selector Module:
The
power
module
window
shows
the
operating voltage (115 Vac or 230 Vac). At
time of shipment, the voltage window is
set in the 115 Vac position. For 230 Vac
operations, use a screwdriver blade to pry
open the module door, remove the red
fuse cartridge, turn it 180 degrees, re-
insert and close the module door.
The
numerals 230 Vac will now show in the
module window.
Repeat procedure to
change back to 115 Vac.
Fu s e
ho ld e r
O p t io nal
sw it ch
O
N
P
Model
900BT
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com