| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD4012B bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CD4012B bảng dữ liệu(HTML) 6 Page - Texas Instruments |
|
6 / 13 page ![]() Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) no Sb/Br) CD4012BME4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD4012BMT ACTIVE SOIC D 14 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD4012BMTE4 ACTIVE SOIC D 14 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD4012BNSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD4012BNSRE4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD4012BPWR ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD4012BPWRE4 ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD4023BE ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC CD4023BEE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC CD4023BF ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC CD4023BF3A ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC CD4023BM ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD4023BM96 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD4023BM96E4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD4023BME4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD4023BMT ACTIVE SOIC D 14 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD4023BMTE4 ACTIVE SOIC D 14 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD4023BNSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD4023BNSRE4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD4023BPW ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD4023BPWE4 ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD4023BPWR ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD4023BPWRE4 ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM JM38510/05051BCA ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC JM38510/05052BCA ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC JM38510/05053BCA ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. PACKAGE OPTION ADDENDUM www.ti.com 25-Oct-2005 Addendum-Page 2 |