công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CSM-30M-6G bảng dữ liệu(PDF) 2 Page - Merrimac Industries, Inc.

tên linh kiện CSM-30M-6G
Giải thích chi tiết về linh kiện  DIRECTIONAL COUPLERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MERRIMAC [Merrimac Industries, Inc.]
Trang chủ  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

CSM-30M-6G bảng dữ liệu(HTML) 2 Page - Merrimac Industries, Inc.

  CSM-30M-6G Datasheet HTML 1Page - Merrimac Industries, Inc. CSM-30M-6G Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GENERAL SPECIFICATIONS
Impedance:
50
Ω nom.
SMA Connectors:
Female, to meet the
interface rqts
of MIL-C-39012
Operating Temp:
-- 55° to +85°C
Other connectors:
TNC and N type
available
POWER SPECIFICATIONS
Coupled ‘‘Loss’’:
6 dB units:
1.25 dB
10 dB units:
0.46 dB
20 dB units:
0.044 dB
30 dB units:
0.004 dB
Peak Power:
CSM-M-15G:
1 kW max.
CSM-M-12G:
2 kW max.
All others:
3 kW max.
Input Power (Forward):
50 Watts max.
Reflected Power:
6 dB units:
2 Watts max.
10 dB units:
5 Watts max.
20 dB units:
50 Watts max.
30 dB units:
50 Watts max.
General Notes:
1. The CSM series directional couplers are miniature three port devices utilizing stripline technology in a connectorized package. Each is a
quarter wave coupler operating across an octave band of frequencies. They are ideally suited to monitor forward or reflected power with minimal
perturbation to the main line signal, signal sampling, control loops and for test signal injection devices in BITE.
2. These devices comply with MIL-C-15370 and may be supplied screened for compliance with additional specifications you designate for
military and aerospace applications requiring the highest reliability.
CSM-M-G Series
DIRECTIONAL COUPLERS
250 MHz to 18 GHz / Octave Bands / 50 W / 6, 10, 20 & 30 dB Coupling / Low Cost Stripline / SMA
For further information contact
MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
NOTES:
1. Tolerance on 3 place decimals
±.020(.51)
except as noted.
2. Dimensions in inches over millimeters.
3. Weights are nominal on all outlines.
4. Outline 2A differs from 2 in dimension A=5.88"
20Mar96
Package Outline



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com