công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BQ3285LSN bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện BQ3285LSN
Giải thích chi tiết về linh kiện  Real-Time Clock RTC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

BQ3285LSN bảng dữ liệu(HTML) 3 Page - Texas Instruments

  BQ3285LSN Datasheet HTML 1Page - Texas Instruments BQ3285LSN Datasheet HTML 2Page - Texas Instruments BQ3285LSN Datasheet HTML 3Page - Texas Instruments BQ3285LSN Datasheet HTML 4Page - Texas Instruments BQ3285LSN Datasheet HTML 5Page - Texas Instruments BQ3285LSN Datasheet HTML 6Page - Texas Instruments BQ3285LSN Datasheet HTML 7Page - Texas Instruments BQ3285LSN Datasheet HTML 8Page - Texas Instruments BQ3285LSN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
DS
Data strobe input
When MOT = VCC, DS controls data trans-
fer during a bq3285E/L bus cycle. During a
read cycle, the bq3285E/L drives the bus af-
ter the rising edge on DS. During a write
cycle, the falling edge on DS is used to latch
write data into the chip.
When MOT = VSS, the DS input is provided
a signal similar to RD, MEMR, or I/OR in
an Intel-based system. The falling edge on
DS is used to enable the outputs during a
read cycle.
R/W
Read/write input
When MOT = VCC, the level on R/W identi-
fies the direction of data transfer. A high
level on R/W indicates a read bus cycle,
whereas a low on this pin indicates a write
bus cycle.
When MOT = VSS, R/W is provided a sig-
nal similar to WR, MEMW, or I/OW in an
Intel-based system.
The rising edge on
R/W latches data into the bq3285E/L.
CS
Chip select input
CS should be driven low and held stable
during the data-transfer phase of a bus cy-
cle accessing the bq3285E/L.
INT
Interrupt request output
INT is an open-drain output. This allows
alarm INT to be valid in battery-backup
mode. To use this feature, INT must be con-
nected to a power supply other than VCC.
INT is asserted low when any event flag is
set and the corresponding event enable bit
is also set. INT becomes high-impedance
whenever register C is read (see the Con-
trol/Status Registers section).
SQW
Square-wave output
SQW may output a programmable fre-
quency square-wave signal during normal
(VCC valid) system operation. Any one of
the 13 specific frequencies may be selected
through register A.
This pin is held low
when the square-wave enable bit (SQWE)
in register B is 0 (see the Control/Status
Registers section).
A 32.768kHz output is enabled by setting
the SQWE bit in register B to 1 and the
32KE bit in register C to 1 after setting
OSC2–OSC0 in register A to 011 (binary).
EXTRAM
Extended RAM enable
Enables 128 bytes of additional nonvolatile
SRAM. It is connected internally to a 30K
Ω pull-down resistor. To access the RTC
registers, EXTRAM must be low.
RCL
RAM clear input
A low level on the RCL pin causes the con-
tents of each of the 242 storage bytes to be
set to FF(hex). The contents of the clock
and control registers are unaffected. This
pin should be used as a user-interface input
(pushbutton to ground) and not connected
to the output of any active component. RCL
input is only recognized when held low for
at least 125ms in the presence of VCC. Us-
ing RAM clear does not affect the battery
load. This pin is connected internally to a
30K
Ω pull-up resistor.
BC
3V backup cell input
BC should be connected to a 3V backup cell
for RTC operation and storage register non-
volatility in the absence of system power.
When VCC slews down past VBC (3V typical),
the integral control circuitry switches the
power source to BC.
When VCC returns
above VBC, the power source is switched to
VCC.
Upon power-up, a voltage within the VBC
range must be present on the BC pin for
the oscillator to start up.
RST
Reset input
The bq3285E/L is reset when RST is pulled
low. When reset, INT becomes high imped-
ance, and the bq3285E/L is not accessible.
Table 4 in the Control/Status Registers sec-
tion lists the register bits that are cleared
by a reset.
Reset may be disabled by connecting RST
to VCC. This allows the control bits to re-
tain
their
states
through
power-
down/power-up cycles.
X1–X2
Crystal inputs
The X1–X2 inputs are provided for an exter-
nal 32.768kHz quartz crystal, Daiwa DT-26
or equivalent, with 6pF load capacitance. A
trimming capacitor may be necessary for ex-
tremely precise time-base generation.
In the absence of a crystal, a 32.768kHz
waveform can be fed into the X1 input.
3
bq3285E/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com