| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIBV2A bảng dữ liệu(PDF) 2 Page - Systemsensor advanced ideas. |
|
|
|||||||||||||||||||||||||||||
PIBV2A bảng dữ liệu(HTML) 2 Page - Systemsensor advanced ideas. |
|
2 / 2 page ![]() 3825 Ohio Avenue • St. Charles, IL 60174 Phone: 800-SENSOR2 • Fax: 630-377-6495 ©2006 System Sensor. Product specifications subject to change without notice. Visit systemsensor.com for current product information, including the latest version of this data sheet. A05-0197-009 • 11/06 • #1676 Electrical Connections for PIBV2 Ordering Information Part No. Description PIBV2 Post Indicator/Butterfly valve supervisory switch PIBV2A Post Indicator/Butterfly valve supervisory switch (ULC model) Accessories A3010-00 Replacement hardware kit (wrenches, screw pack) WFDW Replacement tamper proof wrench for cover 546-7000 Cover tamper switch kit HEXW Replacement hex wrench S07-66-XX Tamper screws for cover PIBV2 Specifications Architectural/Engineering Specifications Model shall be model number PIBV2 Post Indicator Butterfly Valve supervisory switch as manufactured by System Sensor. PIBV2 shall be installed on each valve as designated on the drawings and/or as specified herein. Switches shall be mounted so as not to interfere with the normal operation of the valve and shall be adjusted to operate within two revolutions of the valve control or when the valve flag has moved no more than one-fifth of the distance from its normal position. The mechanism shall be contained in a weatherproof die cast metal housing, which shall provide a side entrance for ½˝ conduit and incorporate a ½˝ NPT nipple for attachment to the valve body. A grounding provision is provided. The switch assembly shall include two switches each with a rated capacity of 10 Amp @ 125/250V AC and 2.5 Amp @ 24V DC. The cover shall contain tamper-resistant screws for which a security wrench will be provided with each switch. PIBV2 shall be Underwriters Laboratories listed for indoor or outdoor use. The PIBV2 shall be Factory Mutual, CSFM, and MEA approved. Physical Specifications Operating Specifications Overall Switch Dimensions 4¼˝H × 3½˝W × 3¼˝D (10.8cm × 8.9cm × 8.2cm) Contact Ratings Two sets of SPDT (Form C) 10.0 A @ 125/250V AC; 2.5 @ 6/12/24V DC Shipping Weight 2 lbs. (0.9 kg) Enclosure Rating UL indoor/outdoor NEMA 3R when mounted with the actuator vertical Operating Temperature Range –40°F to 120°F (–40°C to 49°C) Cover Tamper Switch Standard with ULC model Optional for UL model, part no. 546-7000 Maximum Stem Extension 35/32˝ (8.0 cm) Service Use Automatic Sprinkler: NFPA 13 One or Two Family Dwelling: NFPA 13D Residential Occupancies up to 4 stories: NFPA 13R National Fire Alarm code: NFPA 72 Mounting ½˝ NPT nipple Warranty 3 years Conduit Entrances One single side open for ½˝ conduit U.S. Patent No. 5,213,205 Top View Switch 1 CO M CO M AB B A Switch 2 CONTACT RATINGS 125/250 VAC 24 VDC 10 AMPS 2.5 AMPS Sup. Switch BB COM COM Sup. Switch BB COM COM Typical FACP Connection to nonsilenceable initiating zone of listed FACP end-of-line resistor B COM to power source compatible with bell local bell Typical Local Bell Connection Break wire as shown for supervision of connection. DO NOT allow stripped wire leads to extend beyond switch housing. DO NOT loop wires. Strip Gauge PIBV2 Mounting The following are examples of acceptable mounting positions: The following mounting position is not acceptable: Actuator Vertical (Down) Actuator Horizontal Actuator Vertical (Pointing Up) Break here Actuating Arm Breakaway Feature: |