công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SP101 bảng dữ liệu(PDF) 2 Page - Systemsensor advanced ideas.

tên linh kiện SP101
Giải thích chi tiết về linh kiện  Speakers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SYSTEMSENSOR [Systemsensor advanced ideas.]
Trang chủ  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SP101 bảng dữ liệu(HTML) 2 Page - Systemsensor advanced ideas.

  SP101 Datasheet HTML 1Page - Systemsensor advanced ideas. SP101 Datasheet HTML 2Page - Systemsensor advanced ideas. SP101 Datasheet HTML 3Page - Systemsensor advanced ideas. SP101 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
A05-191-04
SP100 Series Speaker/Strobe Power Requirements
SP1W2415ADA
SP1W241575ADA
SP1W2475ADA
SP1W24110ADA
SP1R2415ADA
SP1R241575ADA
SP1R2475ADA
SP1R24110ADA
Supply Voltage:
20–30 VDC
20–30 VDC
20–30 VDC
20–30 VDC
Max. Current @ Listed Voltage:
75 mA
93 mA
170 mA
210 mA
Operating Current
@ Rectified Unfiltered Voltage:
90 mA
120 mA
200 mA
245 mA
Rated Light Output
15.0 cd
15/75 cd
75.0 cd
110.0 cd
Specifications – V400 Series
Mechanical
Input Terminals:
14 to 18 AWG
Grille Size/Color:
4
″ (102 mm)/red or beige
Weight:
.7 lb (317 gm)
Mounting:
Semiflush*:
4
″ × 4″ × 11/2″–21/8″
standard backbox**
Flush*:
deep backbox (BBD) with
flush mounting plate
Operating
Temperature Range:
32
° to 120°F (0° to 49°C)
Electrical
Voltage Input:
25 volts or 70.7 volts (nominal)
Frequency Range:
400 – 4000 Hz
*Order mounting plates separately.
**For 12- or 14-gauge wire, a 21/8
″ backbox is recom-
mended.
Engineering Specifications
Speaker shall be a System Sensor Model ______ dual
transformer speaker capable of operating at 25 and 70.7
Vrms. Speaker shall be listed to Underwriter’s Laboratories
Standard 1480 for fire protective signaling systems.
Speaker shall have a frequency range of 400 to 4000 Hz
and shall have an operating temperature between 32
° and
120
°F. Speaker shall have power taps which are selected
by means of a jumper wire(s).
For speaker/strobe combination:
Speaker/strobe shall be a System Sensor Speaker/Strobe
Model ______ dual transformer speaker capable of
operating at 25 and 70.7 Vrms. Speaker/strobe shall be
listed to Underwriter’s Laboratories Standard 1480 for fire
protective signaling systems. Speaker shall have a
frequency range of 400 to 4000 Hz and shall have an
operating temperature between 32
° and 120°F. Speaker
shall have power taps which are selected by means of a
jumper wire(s). Strobe shall be powered independently of
the speaker and shall operate from a 24 VDC or 24 Vrms
full wave rectified unfiltered power supply. Strobe shall
have a light output rating of 15, 75, or 110 candela and
shall be UL 1971 listed as a primary signaling device.



Html Pages

1 2 3 4