| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC4101 bảng dữ liệu(PDF) 13 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC4101 bảng dữ liệu(HTML) 13 Page - Linear Technology |
|
13 / 28 page ![]() LTC4101 13 4101f Table 1: Summary of Supported Charger Functions ChargerSpecInfo() 7'b0001_001 8'h11 Info Return Read Values ChargerMode() 7'b0001_001 8'h12 Control Permitted Write Values ChargerStatus() 7'b0001_001 8'h13 Status Return Read Values ChargingCurrent() 7'b0001_001 8'h14 Value CHARGING_CURRENT[15:0] Permitted Write Values ChargingVoltage() 7'b0001_001 8'h15 Value CHARGING_VOLTAGE[15:0] Permitted Write Values AlarmWarning() 7'b0001_001 8'h16 Control Permitted Write Values LTCO() 7'b0001_001 8'h3C Register Permitted Write Values Return Read Values Alert Response 7'b0001_100 N/A Status LTC4101's Address Address Read Byte Access SMBus Address Command Code Data Type D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 DO 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1/0 1/0 Ign 1/0 1/0 1/0 1/0 1/0 1/0 1/0 1/0 1/0 1/0 1/0 0 1 0 0 0 1/0 1/0 1/0 1/0 1/0 0 1 0 1/0 0 00001 0 000 0 0 0 0 0 1 0 0 1 X Function CHARGER_SPEC Reserved Reserved Ignored Ignored Reserved LTC4101's Version Identification Ignored Ignored Unsigned integer representing current in mA Not Supported Unsigned integer representing voltage in mV 1/0 Return Values OPERATIO |