công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC3813IG bảng dữ liệu(PDF) 21 Page - Linear Technology

tên linh kiện LTC3813IG
Giải thích chi tiết về linh kiện  100V Current Mode Synchronous Step-Up Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC3813IG bảng dữ liệu(HTML) 21 Page - Linear Technology

Back Button LTC3813IG Datasheet HTML 17Page - Linear Technology LTC3813IG Datasheet HTML 18Page - Linear Technology LTC3813IG Datasheet HTML 19Page - Linear Technology LTC3813IG Datasheet HTML 20Page - Linear Technology LTC3813IG Datasheet HTML 21Page - Linear Technology LTC3813IG Datasheet HTML 22Page - Linear Technology LTC3813IG Datasheet HTML 23Page - Linear Technology LTC3813IG Datasheet HTML 24Page - Linear Technology LTC3813IG Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC3813
21
3813fb
Using the INTVCC Regulators
One, both or neither of these regulators can be used to
generate the 10V IC/driver supply depending on the circuit
requirements, available supplies, and the voltage range
of VIN or VOUT. Deriving the 10V supply from VIN is more
efficient, however deriving it from VOUT has the advantage
of maintaining regulation of VOUT when VIN drops below
the UV threshold. Four possible configurations are shown
in Figures 9a through 9d, and are described as follows:
1. Figure 9a. If the VIN voltage or another low voltage
supply between 6.2V and 14V is available, the sim-
plest approach is to connect this supply directly to the
INTVCC and DRVCC pins. The internal regulators are
disabled by shorting NDRV and EXTVCC to INTVCC.
2. Figure 9b. If VIN(MAX) > 14V, an external NMOS con-
nected to the NDRV pin can be used to generate 10V
from VIN. VIN(MIN) must be > 6.2V + RNDRV • 40μA + VT
to keep INTVCC above the UV threshold and the BVDSS
of the external NMOS must be chosen to be greater
than VIN(MAX). The EXTVCC regulator is disabled by
grounding the EXTVCC pin.
3. Figure 9c. If the VIN(MAX) < 14.7V and VIN is allowed to
fall below 6.2V without disrupting the boost converter
operation, use this configuration. The INTVCC supply
is derived from VIN until the VOUT > 6.7V. Once INTVCC
is derived from VOUT, VIN can fall below the 6V UV
threshold without losing regulation of VOUT. Note that
in this configuration, VIN must be > 7V at least long
enough to start up the LTC3813 and charge VOUT >
6.7V. Also, since VOUT is connected to the EXTVCC pin,
this configuration is limited to VOUT < 15V.
4. Figure 9d. Similar to configuration 3 except that VOUT
is allowed to be >15V since VOUT is connected to an
external NMOS with appropriately rated BVDSS. VIN has
same start-up requirement as 3.
Figure 9. Four Possible Ways to Generate INTVCC Supply
APPLICATIONS INFORMATION
VOUT ≤ 15V
(a) 6.2V to 14V
Supply Available
(b) INTVCC from VIN,
VIN > 14V
(c) INTVCC from VOUT,
VOUT ≤ 15V
(d) INTVCC from VOUT,
VOUT > 15V
3813 F09
NDRV
EXTVCC
INTVCC
+
VIN < 14.7V
10V
NDRV
EXTVCC
INTVCC
LTC3813
VIN
10V
NDRV
RNDRV
EXTVCC
INTVCC
+
VOUT
10V
RNDRV
+
LTC3813
LTC3813
+
–
6.2V to
14V
NDRV
EXTVCC
INTVCC
+
LTC3813
VIN < 14.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com