công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC3810-5 bảng dữ liệu(PDF) 21 Page - Linear Technology

tên linh kiện LTC3810-5
Giải thích chi tiết về linh kiện  60V Current Mode Synchronous Switching Regulator Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC3810-5 bảng dữ liệu(HTML) 21 Page - Linear Technology

Back Button LTC3810-5 Datasheet HTML 17Page - Linear Technology LTC3810-5 Datasheet HTML 18Page - Linear Technology LTC3810-5 Datasheet HTML 19Page - Linear Technology LTC3810-5 Datasheet HTML 20Page - Linear Technology LTC3810-5 Datasheet HTML 21Page - Linear Technology LTC3810-5 Datasheet HTML 22Page - Linear Technology LTC3810-5 Datasheet HTML 23Page - Linear Technology LTC3810-5 Datasheet HTML 24Page - Linear Technology LTC3810-5 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LTC3810-5
21
38105fc
VIN is typically much higher than 14V a separate supply
for the IC power (INTVCC) and driver power (DRVCC) must
be used. The LTC3810-5 has integrated bias supply con-
trol circuitry that allows the IC/driver supply to be easily
generated from VIN and/or VOUT with minimal external
components. There are four ways to do this as shown in
the simplified schematics of Figure 3 and explained in the
following sections.
Using the Linear Regulator for INTVCC/DRVCC Supply
In Mode 1, a small external SOT23 MOSFET, controlled
by the NDRV pin, is used to generate a 5.5V start-up
supply from VIN. The small SOT23 package can be used
because the NMOS is on continuously only during the brief
start-up period. As soon as the output voltage reaches
4.7V, the LTC3810-5 turns off the external NMOS and the
LTC3810-5 regulates the 5.5V supply from the EXTVCC
pin (connected to VOUT or a VOUT derived boost network)
through an internal low dropout regulator. For this mode to
work properly, EXTVCC must be in the range 4.7V < EXTVCC
< 15V. If VOUT < 4.7V, a charge pump or extra winding can
be used to raise EXTVCC to the proper voltage, or alter-
natively, Mode 2 should be used as explained later in this
section. If VOUT is shorted or otherwise goes below the
minimum 4.5V threshold, the MOSFET connected to VIN
is turned back on to maintain the 5.5V supply. However if
the output cannot be brought up within a timeout period,
the drivers are turned off to prevent the SOT23 MOSFET
from overheating. Soft-start cycles are then attempted at
low duty cycle intervals to try to bring the output back up
(see Figure 10). This fault timeout operation is enabled
by choosing the choosing RNDRV such that the resistor
current INDRV is greater than 270μA by using the follow-
ing formulas:
RNDRV ≤
PMOSFET(MAX) /ICC − VTH
270μA
where
ICC =(f) QG(TOP) +QG(BOTTOM)
()+3mA
and VTH is the threshold voltage of the MOSFET.
The value of RNDRV also affects the VIN(MIN) as follows:
VIN(MIN) = VINTVCC(MIN) + (40μA) RNDRV +VT
(1)
where VINTVCC(MIN) is normally 4.5V for driving logic-level
MOSFETs. If minimum VIN is not low enough, consider
reducing RNDRV and/or using a Darlington NPN instead
of an NMOS to reduce VT to ~1.4V.
When using RNDRV equal to the computed value, the
LTC3810-5 will enable the low duty cycle soft-start re-
tries only when the desired maximum power dissipation,
PMOSFET(MAX), in the MOSFET is exceeded and leave the
drivers on continuously otherwise. The shutoff/restart
times are a function of the TRACK/SS capacitor value.
The external NMOS for the linear regulator should be a
standard 3V threshold type (i.e., not a logic-level threshold).
The rate of charge of INTVCC from 0V to 5.5V is controlled
by the LTC3810-5 to be approximately 75μs regardless of
the size of the capacitor connected to the INTVCC pin. The
charging current for this capacitor is approximately:
IC =
5.5V
75
μs
CINTVCC
Figure 10. Fault Timeout Operation
SS/TRACK
VOUT
TG/BG
FAULT TIMEOUT
ENABLED
EXTVCC UV THRESHOLD
DRIVER OFF THRESHOLD
DRIVER POWER
FROM VIN
SHORT-CIRCUIT EVENT
START-UP INTO SHORT-CIRCUIT
START-UP
DRIVER POWER
FROM VOUT
DRIVER POWER
FROM VIN
ISS/TRACK = 1.4μA (SOURCE)
ISS/TRACK = 0.1μA (SINK)
38105 F10
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com