| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSN2CP bảng dữ liệu(PDF) 2 Page - KOA Speer Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
PSN2CP bảng dữ liệu(HTML) 2 Page - KOA Speer Electronics, Inc. |
|
2 / 2 page ![]() PMS 300 neg. Black neg. PSN, PV, PSO, PN, PWW, PAP high voltage power resistors Resistance Range ( Ω) J: ±5% K: ±10% M: ±20% (E24) 500~500M 1k~1G 2k~2G 3k~3G 4k~4G 5k~5G 6k~6G 500~500M 1k~1G 1.5k~1.5G 2.5k~2.5G 2.5k~2.5G 500~500M 1k~1G 2k~2G 3k~3G 4k~4G 5k~5G 6k~6G 50~500k 100~1M 200~2M 300~3M 400~4M 10~800 10~400 15~1500 10~800 25~2500 15~1000 50~5000 25~2000 T.C.R. (x10-6/K) ±1500: +25°C/-15°C ±1000: +25°C/+85°C (R<1G Ω) ±3000 (R≥1G Ω) — applications and ratings Derating Curve environmental applications 100 80 60 40 20 -40 -20 0 20 40 140 -15 Ambient Temperature (°C) 0 60 125 80 100 120 -25 -30 1 2 1 2 1 PSN, PV, PN PWW, PAP 2 PSO Performance Characteristics Part Designation PSN-0.5 PSN-1 PSN-2 PSN-3 PSN-4 PSN-5 PSN-6 PV-0.5 PV-1 PV-2 PV-5 PV-8 PSO-0.5 PSO-1 PSO-2 PSO-3 PSO-4 PSO-5 PSO-6 PN-0.5 PN-1 PN-2 PN-3 PN-4 PWW-3 PAP-3 PWW-4 PAP-4 PWW-5 PAP-5 PWW-6 PAP-6 Power Rating (W) 2 5 10 25 50 125 250 2 4 7 12 20 1.5 4 8 20 40 100 200 1.5 3 6 9 12 25 50 100 200 Maximum Working Voltage 15kV 30kV 60kV 90kV 120kV 150kV 300kV 24kV 45kV 75kV 15kV 30kV 60kV 90kV 120kV 150kV 300kV — — — — — — Impulse Withstand Voltage 20kV 40kV 80kV 120kV 160kV 200kV 400kV 32kV 60kV 100kV 20kV 40kV 80kV 120kV 160kV 200kV 400kV 20kV 40kV 80kV 120kV 160kV 120kV 160kV 200kV Operating Temperature Range -30°C~+125°C -15°C~+60°C -30°C~+125°C — Inductance ( µH) Maximum — 20 3 35 6 70 12 150 25 Type PSN-0.5, PSN-1, PV-2 PSN-2, PV-5 PSN-3, PV-8 PSN-4 PSN-5, PSN-6 R 8.5 11.5 16 22 30 E 11 15 18 20 25 F 16 18 24 36 46 G 24 32 40 59 74 M ø4.2 ø6.5 t 0.8 1.0 1.5 1.5 W 1.5±0.5 1.5±1.0 2.0±1.0 Holder Dimensions (mm) R M W F ゜ 5 4 ゜ 5 4 E M E t R F ゜ 5 4 ゜ 5 4 t B Parameter Resistance T.C.R. Rapid Change of Temperature Voltage Characteristics Moisture Resistance Endurance at 25°C Requirements ∆ R±% Within specified tolerance Within specified T.C.R. 5 3 5: R<100M Ω 10 :R ≥100MΩ 5: R<100M Ω 10 :R ≥100MΩ Test Method 25°C R<1G Ω R ≥1GΩ -30°C (30 minutes)/+85°C (30 minutes) 5 cycles Except for PSN Rated voltage or max. working voltage, whichever is lower and 1/10 of its voltage 40°C, 90%~95%RH, 250 hours 25°C, 500 hours 25°C, 500 hours, Continuous load ±1500 : +25°C/-15°C ±1000 : +25°C/+85°C ±3000 : +25°C/-15°C, +25°C/+85°C 98 KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 12/28/08 (PWW, PAP: Please contact factory for details) 1733 Reader's Spreads pg1-203:document 1/27/09 4:08 PM Page 96 |