công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC54VC3002EZBSTP bảng dữ liệu(PDF) 1 Page - TelCom Semiconductor, Inc

tên linh kiện TC54VC3002EZBSTP
Giải thích chi tiết về linh kiện  VOLTAGE DETECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TELCOM [TelCom Semiconductor, Inc]
Trang chủ  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC54VC3002EZBSTP bảng dữ liệu(HTML) 1 Page - TelCom Semiconductor, Inc

  TC54VC3002EZBSTP Datasheet HTML 1Page - TelCom Semiconductor, Inc TC54VC3002EZBSTP Datasheet HTML 2Page - TelCom Semiconductor, Inc TC54VC3002EZBSTP Datasheet HTML 3Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4-279
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC54
FEATURES
s
Precise Detection Thresholds .... Standard
± 2.0%
Custom
± 1.0%
s
Small Packages ........... SOT-23A-3, SOT-89, TO-92
s
Low Current Drain ..................................... Typ. 1
µA
s
Wide Detection Range .......................... 2.1V to 6.0V
s
Wide Operating Voltage Range ............ 1.5V to 10V
APPLICATIONS
s
Battery Voltage Monitoring
s
Microprocessor Reset
s
System Brownout Protection
s
Switching Circuit in Battery Backup
s
Level Discriminator
GENERAL DESCRIPTION
The TC54 Series are CMOS voltage detectors, suited
especially for battery-powered applications because of their
extremely low 1
µA operating current and small surface-
mount packaging. Each part is laser trimmed to the desired
threshold voltage which can be specified from 2.1V to 6.0V,
in 0.1V steps.
The device includes a comparator, low-current high-
precision reference, laser-trimmed divider, hysteresis circuit
and output driver. The TC54 is available with either an open-
drain or complementary output stage.
In operation, the TC54's output (VOUT) remains in the
logic HIGH state as long as VIN is greater than the
specified threshold voltage (V
–
DET). When VIN falls below
V
–
DET, the output is driven to a logic LOW. VOUT remains
LOW until VIN rises above V
–
DET by an amount VHYST,
whereupon it resets to a logic HIGH.
FUNCTIONAL BLOCK DIAGRAM
VOLTAGE DETECTOR
Output form:
N = Nch Open Drain
C = CMOS Output
Detected Voltage:
Ex: 21 = 2.1V; 60 = 6.0V
Extra Feature Code: Fixed: 0
Tolerance:
1 =
± 1.0% (custom)
2 =
± 2.0% (standard)
Temperature: E: – 40
°C to + 85°C
Package Type and Pin Count:
CB: SOT-23A-3*, MB: SOT-89-3, ZB: TO-92-3
Taping Direction:
Standard Taping
Reverse Taping
No suffix: TO-92 Bulk
*SOT-23A-3 is equivalent to EIAJ (SC-59).
ORDERING INFORMATION
PART CODE TC54 V X XX X X X XX XXX
TC54-10 11/8/96
VOUT
TC54VC only
VSS
1
3
+
–
VIN
2
VREF
TC54VN has open-drain output.
TC54VC has complementary output.
PIN CONFIGURATIONS
13
2
VIN
VIN
VSS
VOUT
VSS
VOUT
TC54
TC54
TC54
1
1
2
3
3
2
*SOT-23A-3
SOT-89-3
TO-92
*SOT-23A-3 is equivalent to EIAJ (SC-59)


Số phần tương tự - TC54VC3002EZBSTP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
TC54VC3002EZB MICROCHIP-TC54VC3002EZB Datasheet
229Kb / 16P
Voltage Detector
2007
TC54VC3002EZB713 MICROCHIP-TC54VC3002EZB713 Datasheet
229Kb / 16P
Voltage Detector
2007
More results

Mô tả tương tự - TC54VC3002EZBSTP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
VOLTAGE DETECTOR
logo
TOKO, Inc
TK610XX TOKO-TK610XX Datasheet
52Kb / 8P
VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
VOLTAGE DETECTOR
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01-Q1 TI-TPS3803-01-Q1 Datasheet
327Kb / 14P
VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
Voltage Detector
2007
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
VOLTAGE DETECTOR
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
VOLTAGE DETECTOR
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com