| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LB8652LP bảng dữ liệu(PDF) 5 Page - Sanyo Semicon Device |
|
|
|||||||||||||||||||||||||||||
LB8652LP bảng dữ liệu(HTML) 5 Page - Sanyo Semicon Device |
|
5 / 9 page ![]() LB8652T, LB8652LP No.7896-5/9 True Value Table Input Output MD IN OUT Mode 1 2 3 1 2 3 4 1 2 3456 7 8 Sample Application 1 Sample Application 2 Sample Application 3 L L L L L L L - - - - - - - - Standby L * * * L H - - - - - - SH(VCM) “Closed” L L H H * * * H L - - - - - - SH(VCM) “Open” L L - - - - - - L H - - L H - - H L - - H L - - H H - - - - - - L L - - - - - - L H - - L H - - H L - - H L - - L H H H H - - - - - - AE (VCM) AE (VCM) AE (STM) * * L L - - - - - - - - * * L H - - - L - - - H * * H L - - - H - - - L H L L * * H H - - - H - - - H ZOOM (DCM) ZOOM (DCM) L L - - - - - - L H - L H - - - H L - H L - - - H H - - - - - - L L - - - - - - L H - - - L H - H L - - - H L - H H L H H - - - - - - AF (STM) L L - - - - - - L H - - L H - - H L - - H L - - H H - - - - - - L L - - - - - - L H - - - - L H H L - - - - H L H L H H H - - - - - - ZOOM (STM) L H L * * * * - - - - - - - - H H H * * * * - - - - - - - - Ignore ( * ) : Don’t care. ( - ) : Output OFF (H) : Constant voltage output is 2.5 time the VC pin applied voltage. (L) : Constant current output is (IC pin applied voltage ÷RFG resistor current). Note : When the current flows from OUT1 to OUT2, easy constant current output function is ON. The output current is controlled by the resistance value connected between the ILM pin and GND. |