| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RKC7CD bảng dữ liệu(PDF) 4 Page - KOA Speer Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
RKC7CD bảng dữ liệu(HTML) 4 Page - KOA Speer Electronics, Inc. |
|
4 / 4 page ![]() 71 KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 12/28/08 RKC, RKH, RKL thick film SIP resistors wattage/package Derating Curve environmental applications 100 80 60 40 20 -60 -40 0 406080100160 70 20 Ambient Temperature (°C) 0 -55 120 155 -20 140 125 RKL, RKC (L, K circuit), Custom circuit RKC (except L, K circuit), RKH Performance Characteristics PMS 300 neg. Black neg. 8 7 6 5 4 3 Number of Pins RKH –– 511 701 796 606 416 RKL 147 228 314 357 271 185 160 217 273 387 444 9 891 400 501 RKC 330 15 14 13 12 11 10 Number of Pins RKH 986 1176 –– –– 1271 1081 RKL 443 529 –– –– –– 486 558 615 672 785 842 16 –– –– 893 RKC 728 Parameter Requirement ∆ R Limit Typical Test Method Resistance T.C.R. 25°C +25°C/-55°C, +25°C/+125°C (RKL) +25°C/-55°C, +25°C/+155°C (RKC, RKH) Within specified tolerance Within specified T.C.R. — — Overload (Short time) Rated voltage x 2.5 for 5 seconds ±0.5% ±0.25% Resistance to Solder Heat 260°C ± 5°C, 10 seconds ± 1 second ±0.5% ±0.25% Temperature Cycling -40°C (30 minutes), +85°C (30 minutes), 5 cycles ±0.5% ±0.25% Moisture Resistance 40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle ±2.0% ±1.0% Endurance at 70°C 70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle ±2.0% ±1.0% 1733 Reader's Spreads pg1-203:document 1/27/09 4:07 PM Page 69 |